Electronic Components Datasheet Search
  English  ▼

X  

GP1601FSS18 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # GP1601FSS18
Description  Single Switch Low VCE(SAT) IGBT Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP1601FSS18 Datasheet(HTML) 3 Page - Dynex Semiconductor

  GP1601FSS18 Datasheet HTML 1Page - Dynex Semiconductor GP1601FSS18 Datasheet HTML 2Page - Dynex Semiconductor GP1601FSS18 Datasheet HTML 3Page - Dynex Semiconductor GP1601FSS18 Datasheet HTML 4Page - Dynex Semiconductor GP1601FSS18 Datasheet HTML 5Page - Dynex Semiconductor GP1601FSS18 Datasheet HTML 6Page - Dynex Semiconductor GP1601FSS18 Datasheet HTML 7Page - Dynex Semiconductor GP1601FSS18 Datasheet HTML 8Page - Dynex Semiconductor GP1601FSS18 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GP1601FSS18
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
3/9
www.dynexsemi.com
Test Conditions
V
GE = 0V, VCE = VCES
V
GE = 0V, VCE = VCES, Tcase = 125˚C
V
GE = ±20V, VCE = 0V
I
C = 80mA, VGE = VCE
V
GE = 15V, IC = 1600A
V
GE = 15V, IC = 1600A, Tcase = 125˚C
DC
t
p = 1ms
I
F = 1600A
I
F = 1600A, Tcase = 125˚C
V
CE = 25V, VGE = 0V, f = 1MHz
-
Parameter
Collector cut-off current
Gate leakage current
Gate threshold voltage
Collector-emitter saturation voltage
Diode forward current
Diode maximum forward current
Diode forward voltage
Input capacitance
Module inductance
ELECTRICAL CHARACTERISTICS
T
case = 25˚C unless stated otherwise.
Symbol
I
CES
I
GES
V
GE(TH)
V
CE(sat)
I
F
I
FM
V
F
C
ies
L
M
Units
mA
mA
µA
V
V
V
A
A
V
V
nF
nH
Max.
2
50
8
6.5
3.2
4
1600
3200
2.5
2.6
-
-
Typ.
-
-
-
5.5
2.6
3.3
-
-
2.2
2.3
180
15
Min.
-
-
-
4.5
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com