Electronic Components Datasheet Search
  English  ▼

X  

GP1601FSS18 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # GP1601FSS18
Description  Single Switch Low VCE(SAT) IGBT Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP1601FSS18 Datasheet(HTML) 7 Page - Dynex Semiconductor

  GP1601FSS18 Datasheet HTML 1Page - Dynex Semiconductor GP1601FSS18 Datasheet HTML 2Page - Dynex Semiconductor GP1601FSS18 Datasheet HTML 3Page - Dynex Semiconductor GP1601FSS18 Datasheet HTML 4Page - Dynex Semiconductor GP1601FSS18 Datasheet HTML 5Page - Dynex Semiconductor GP1601FSS18 Datasheet HTML 6Page - Dynex Semiconductor GP1601FSS18 Datasheet HTML 7Page - Dynex Semiconductor GP1601FSS18 Datasheet HTML 8Page - Dynex Semiconductor GP1601FSS18 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
GP1601FSS18
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
7/9
www.dynexsemi.com
140
4x M8
5
6x M4
11
35
14.5
20
6x Ø7
15
15
C1
E1
C2
E2
G
Aux E
Aux C
6
5
62
62
Nominal weight: 1600g
Module outline type code: F
PACKAGE DETAILS
For further package information, please visit our website or contact your nearest Customer Service Centre. All dimensions in mm, unless
stated otherwise. DO NOT SCALE.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com