Electronic Components Datasheet Search
  English  ▼

X  

GP201MHS18 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # GP201MHS18
Description  Low VCE(SAT) Half Bridge IGBT Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP201MHS18 Datasheet(HTML) 1 Page - Dynex Semiconductor

  GP201MHS18 Datasheet HTML 1Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 2Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 3Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 4Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 5Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 6Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 7Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 8Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GP201MHS18
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
1/10
www.dynexsemi.com
FEATURES
s
Low V
CE(SAT)
s
Non Punch Through Silicon
s
Isolated Copper Baseplate
s
Low Inductance Internal Construction
s
200A Per Arm
APPLICATIONS
s
High Reliability Inverters
s
Motor Controllers
s
Traction Drives
s
Resonant Converters
The Powerline range of high power modules includes half
bridge, dual and single switch configurations covering voltages
from 600V to 3300V and currents up to 4800A.
The GP201MHS18 is a half bridge 1800V, n channel
enhancement mode, insulated gate bipolar transistor (IGBT)
module.
Designed with low V
CE(SAT)
to minimise conduction
losses, the module is of particular relevance in low to medium
frequency applications. The IGBT has a wide reverse bias safe
operating area (RBSOA) ensuring reliability in demanding
applications.
The module incorporates an electrically isolated base plate
and low inductance construction enabling circuit designers to
optimise circuit layouts and utilise earthed heat sinks for safety.
ORDERING INFORMATION
Order As:
GP201MHS18
Note: When ordering, please use the complete part number.
KEY PARAMETERS
V
CES
1800V
V
CE(sat)
(typ)
2.6V
I
C
(max)
200A
I
C(PK)
(max)
400A
GP201MHS18
Low V
CE(SAT) Half Bridge IGBT Module
DS5290-2.1 January 2001
Fig. 1 Half bridge circuit diagram
Fig. 2 Electrical connections - (not to scale)
Outline type code: M
(See package details for further information)
3(C
1)
2(E
2)
1(E
1C2)
11(C2)
9(C1)
6(G2)
7(E2)
5(E1)
4(G1)
1
2
3
11
10
8
9
5
4
6
7


Similar Part No. - GP201MHS18

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
GP201 DEC-GP201 Datasheet
366Kb / 2P
2 AMP SOFT GLASS PASSIVATED DIODES
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
GPS Receiver RF Front End
logo
CT Micro International ...
GP201208-ATC3 CTMICRO-GP201208-ATC3 Datasheet
1Mb / 10P
SMD Type Green Emitter
Rev 2 Jan, 2021
GP201208-CTC3 CTMICRO-GP201208-CTC3 Datasheet
1Mb / 10P
SMD Type Green Emitter
Rev 2 Jan, 2021
logo
Mitel Networks Corporat...
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
GPS Receiver RF Front End
More results

Similar Description - GP201MHS18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP1601FSS18 DYNEX-GP1601FSS18 Datasheet
124Kb / 9P
Single Switch Low VCE(SAT) IGBT Module
GP801DDS18 DYNEX-GP801DDS18 Datasheet
143Kb / 10P
Dual Switch Low VCE(SAT) IGBT Module
logo
IXYS Corporation
IXGN60N60 IXYS-IXGN60N60 Datasheet
67Kb / 2P
Ultra-Low VCE(sat) IGBT
IXGH41N60 IXYS-IXGH41N60 Datasheet
34Kb / 2P
Ultra-Low VCE(sat) IGBT
IXGH31N60 IXYS-IXGH31N60 Datasheet
55Kb / 2P
Ultra-Low VCE(sat) IGBT
IXGH38N60 IXYS-IXGH38N60 Datasheet
45Kb / 2P
Ultra-Low VCE(sat) IGBT
IXGH60N60 IXYS-IXGH60N60 Datasheet
95Kb / 4P
Ultra-Low VCE(sat) IGBT
IXGM30N60 IXYS-IXGM30N60 Datasheet
64Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXSM25N100 IXYS-IXSM25N100 Datasheet
102Kb / 6P
Low VCE(sat) IGBT, High Speed IGBT
IXSM30N60 IXYS-IXSM30N60 Datasheet
241Kb / 2P
Low VCE(sat) IGBT, High Speed IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com