Electronic Components Datasheet Search
  English  ▼

X  

GP201MHS18 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # GP201MHS18
Description  Low VCE(SAT) Half Bridge IGBT Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP201MHS18 Datasheet(HTML) 7 Page - Dynex Semiconductor

Back Button GP201MHS18 Datasheet HTML 2Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 3Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 4Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 5Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 6Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 7Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 8Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 9Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
GP201MHS18
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
7/10
www.dynexsemi.com
Fig. 12 Transient thermal impedance
Fig. 13 3 Phase inverter operating frequency
Fig. 14 DC current rating vs case temperature
Fig. 11 Forward bias safe operating area
1
10
100
1000
1
10
100
1000
10000
Collector-emitter voltage, Vce - (V)
50
µs
100
µs
IC max. (single pulse)
tp = 1ms
0
100
150
200
250
300
350
50
110
20
fmax - (kHz)
Conditions:
Tj = 125˚C, Tcase = 75˚C
Rg = 4.7Ω, VCC = 900V
PWM Sine Wave
Power Factor = 0.9,
Modulation Index =1
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
140
160
Case temperature, Tcase - (˚C)
1
10
100
1000
0.001
0.01
1
0.1
10
Pulse width, tp - (s)
Diode
Transistor



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com