Electronic Components Datasheet Search
  English  ▼

X  

GP201MHS18 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # GP201MHS18
Description  Low VCE(SAT) Half Bridge IGBT Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP201MHS18 Datasheet(HTML) 4 Page - Dynex Semiconductor

  GP201MHS18 Datasheet HTML 1Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 2Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 3Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 4Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 5Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 6Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 7Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 8Page - Dynex Semiconductor GP201MHS18 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
GP201MHS18
4/10
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
Units
ns
ns
mJ
ns
ns
mJ
µC
Max.
650
350
180
600
120
100
80
Typ.
500
250
90
450
90
70
50
Min.
-
-
-
-
-
-
-
Test Conditions
I
C = 200A
V
GE = ±15V
V
CE = 900V
R
G(ON) = RG(OFF) = 4.7Ω
L ~ 100nH
I
F = 200A, VR = 50% VCES,
dI
F/dt = 2500A/µs
Parameter
Turn-off delay time
Fall time
Turn-off energy loss
Turn-on delay time
Rise time
Turn-on energy loss
Diode reverse recovery charge
ELECTRICAL CHARACTERISTICS
T
case = 25˚C unless stated otherwise
Symbol
t
d(off)
t
f
E
OFF
t
d(on)
t
r
E
ON
Q
rr
T
case = 125˚C unless stated otherwise
Units
ns
ns
mJ
ns
ns
mJ
µC
Max.
800
450
200
700
130
150
110
Typ.
600
350
130
540
100
120
80
Min.
-
-
-
-
-
-
-
Test Conditions
I
C = 200A
V
GE = ±15V
V
CE = 900V
R
G(ON) = RG(OFF) = 4.7Ω
L ~ 100nH
I
F = 200A, VR = 50% VCES,
dI
F/dt = 2000A/µs
Parameter
Turn-off delay time
Fall time
Turn-off energy loss
Turn-on delay time
Rise time
Turn-on energy loss
Diode reverse recovery charge
Symbol
t
d(off)
t
f
E
OFF
t
d(on)
t
r
E
ON
Q
rr



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com