Electronic Components Datasheet Search
  English  ▼

X  

CC1121 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC1121
Description  SWRU197H?밪eptember 2010?밨evised April 2014
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1121 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC1121 Datasheet HTML 5Page - Texas Instruments CC1121 Datasheet HTML 6Page - Texas Instruments CC1121 Datasheet HTML 7Page - Texas Instruments CC1121 Datasheet HTML 8Page - Texas Instruments CC1121 Datasheet HTML 9Page - Texas Instruments CC1121 Datasheet HTML 10Page - Texas Instruments CC1121 Datasheet HTML 11Page - Texas Instruments CC1121 Datasheet HTML 12Page - Texas Instruments CC1121 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
2
1
4
3
6
5
8
7
10
9
GND
DC (Debug Clock)
RESETn
DD (Debug Data)
SoC
P2.2
P2.1
RESETn
Vdd
GND
Vdd
CC Debugger
Connector
CCxxxx
System-on-Chip
NOTE 2
Vdd
NOTE 1
2.7 kΩ
3.3 V from debugger.
Can optionally be
used to power the
target board
www.ti.com
Connecting the CC Debugger to the Device
Figure 6. Minimum Connection for Debugging of 8051 SoC
NOTE:
Some early revisions of certain SoCs (CC2430, CC2510 and CC1110) needed an external
pull-up to avoid unwanted transitions on the debug clock line during chip reset, inadvertently
setting the device in debug mode. All new revisions of all SoCs now have an internal pull-up
on P2.2, so this external component is not required.
NOTE:
The RESETn pin is sensitive to noise and can cause unintended reset of the chip. For reset
lines susceptible to noise, it is recommended to add an external RC filter. For recommended
RESET circuitry, see the device-specific SoC data sheet and reference designs. The CC
Debugger supports slow transitions on the reset line, using a 2 ms delay between any
transition on the RESET line and other transitions on the DC and DD lines.
6.2.2
Minimum Connection for SmartRF Studio
Use the same connection as for debugging the SoC.
9
SWRU197H – September 2010 – Revised April 2014
CC Debugger
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com