Electronic Components Datasheet Search
  English  ▼

X  

CC1121 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CC1121
Description  SWRU197H?밪eptember 2010?밨evised April 2014
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1121 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC1121 Datasheet HTML 15Page - Texas Instruments CC1121 Datasheet HTML 16Page - Texas Instruments CC1121 Datasheet HTML 17Page - Texas Instruments CC1121 Datasheet HTML 18Page - Texas Instruments CC1121 Datasheet HTML 19Page - Texas Instruments CC1121 Datasheet HTML 20Page - Texas Instruments CC1121 Datasheet HTML 21Page - Texas Instruments CC1121 Datasheet HTML 22Page - Texas Instruments CC1121 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
1
1
2
4
5
6
3
www.ti.com
Updating the Firmware
Next, use the SmartRF Flash Programmer to program the bootloader on the debugger. Follow these five
steps (illustrated in Figure 20):
1. Start the application and select Program Evaluation Board in the What do you want to program? drop
down box, then select the EB Bootloader tab.
2. In the Device box, select SmartRF05EB regardless of the device being used to program the debugger.
For example, select SmartRF05EB both when you are using a CC Debugger and when you are using
a SmartRF05EB for the resurrection.
3. Select which Flash image to program. The bootloader image is included when installing the Flash
programmer and it is usually located at “C:\Program Files (x86)\Texas Instruments\SmartRF
Tools\Firmware\CC Debugger”.
4. In the Board identification box, give the debugger a unique ID number; any 4 digit number will work.
This number is used by the driver on the PC to uniquely identify devices if more than one debugger is
connected at the same time.
5. Select Erase, program and verify in the Actions box
6. Click the Perform Actions button. The firmware upgrade takes a few seconds.
Figure 20. SmartRF Flash Programmer - Updating the Bootloader
Once the bootloader is programmed, you might be asked to install a USB driver on the PC. Follow the
same procedure as when the debugger was connected to the PC the first time (see Section 5).
19
SWRU197H – September 2010 – Revised April 2014
CC Debugger
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com