Electronic Components Datasheet Search
  English  ▼

X  

CC1121 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC1121
Description  SWRU197H?밪eptember 2010?밨evised April 2014
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1121 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1121 Datasheet HTML 7Page - Texas Instruments CC1121 Datasheet HTML 8Page - Texas Instruments CC1121 Datasheet HTML 9Page - Texas Instruments CC1121 Datasheet HTML 10Page - Texas Instruments CC1121 Datasheet HTML 11Page - Texas Instruments CC1121 Datasheet HTML 12Page - Texas Instruments CC1121 Datasheet HTML 13Page - Texas Instruments CC1121 Datasheet HTML 14Page - Texas Instruments CC1121 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
2
1
4
3
6
5
8
7
10
9
GND
DC
RESETn
DD
GPIO3
VREG_EN
RESETn
Vdd
GND
Vdd
CC Debugger
Connector
CC2520
CSn
SCLK
MOSI
MISO
SO
SI
SCLK
CSn
3.3 V from debugger.
Can optionally be
used to power the
target board
www.ti.com
Connecting the CC Debugger to the Device
6.3
Connecting the CC Debugger to a Transceiver
The SPI interface on the CC Debugger can be used to interface many of the CCxxxx transceivers and
control them from SmartRF Studio. The transceivers, transmitters, and receivers currently supported are:
•
CC1100
•
CC1101
•
CC1120
•
CC1121
•
CC1125
•
CC1175
•
CC110L
•
CC113L
•
CC115L
•
CC1200
•
CC1201
•
CC2500
•
CC2520
Note that the CC Debugger operates as the SPI Master. In a multi-master system, it is necessary to make
sure the debugger output signals (DC, DD, CSn, SCLK, MOSI and RESETn) do not interfere with the
other SPI master on the board. The other SPI master would typically be the microcontroller on the board.
Figure 8 through Figure 10 show the interconnection between the debugger and the various supported
transceivers.
Figure 8. CC Debugger Connected to CC2520
11
SWRU197H – September 2010 – Revised April 2014
CC Debugger
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com