Electronic Components Datasheet Search
  English  ▼

X  

CC115L Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC115L
Description  SWRU197H?밪eptember 2010?밨evised April 2014
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC115L Datasheet(HTML) 4 Page - Texas Instruments

  CC115L Datasheet HTML 1Page - Texas Instruments CC115L Datasheet HTML 2Page - Texas Instruments CC115L Datasheet HTML 3Page - Texas Instruments CC115L Datasheet HTML 4Page - Texas Instruments CC115L Datasheet HTML 5Page - Texas Instruments CC115L Datasheet HTML 6Page - Texas Instruments CC115L Datasheet HTML 7Page - Texas Instruments CC115L Datasheet HTML 8Page - Texas Instruments CC115L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
User's Guide
SWRU197H – September 2010 – Revised April 2014
CC Debugger
1
Introduction
The CC Debugger is primarily used for Flash programming and debugging software running on CCxxxx
8051-based System-on-Chip (SoC) devices from Texas Instruments. The PC tools available for these
purposes are the SmartRF™ Flash Programmer [9] from Texas Instruments and IAR Embedded
Workbench® for 8051 from IAR Systems [15].
When connected to the debugger, the SoC devices can be controlled directly from SmartRF™ Studio [8].
SmartRF Studio is also able to control supported CCxxxx RF transceivers (CC2520, CC2500, CC110x,
CC11xL, CC112x, CC120x) when they are connected to the debugger as explained in Section 6.3.
In addition, the CC Debugger is used for configuring the CC85xx devices with the PurePath Wireless
Configurator [12] and controlling them with the PurePath Wireless Commander [13].
SmartRF is a trademark of Texas Instruments.
IAR Embedded Workbench is a registered trademark of IAR Systems AB.
Windows Vista is a registered trademark of Microsoft Corporation in the United States and other countries.
Microsoft is a registered trademark of Microsoft Corporation in the United States and/or other countries, or both.
Windows is a registered trademark of Windows is a registered trademark of Microsoft Corporation in the United States and other countries.
All other trademarks are the property of their respective owners.
4
CC Debugger
SWRU197H – September 2010 – Revised April 2014
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com