Electronic Components Datasheet Search
  English  ▼

X  

CC115L Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC115L
Description  SWRU197H?밪eptember 2010?밨evised April 2014
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC115L Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC115L Datasheet HTML 6Page - Texas Instruments CC115L Datasheet HTML 7Page - Texas Instruments CC115L Datasheet HTML 8Page - Texas Instruments CC115L Datasheet HTML 9Page - Texas Instruments CC115L Datasheet HTML 10Page - Texas Instruments CC115L Datasheet HTML 11Page - Texas Instruments CC115L Datasheet HTML 12Page - Texas Instruments CC115L Datasheet HTML 13Page - Texas Instruments CC115L Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
2
1
4
3
6
5
8
7
10
9
GND
DC (Debug Clock)
RESETn
DD (Debug Data)
SoC
P2.2
P2.1
RESETn
Vdd
GND
Vdd
CC Debugger
Connector
CCxxxx
System-on-Chip
2.7 kΩ
CSn
SCLK
MOSI
MISO
P1.7
P1.6
P1.5
P1.4
3.3 V from debugger.
Can optionally be
used to power the
target board
Connecting the CC Debugger to the Device
www.ti.com
6.2.3
Minimum Connection for SmartRF Packet Sniffer
In order to use the packet sniffer capabilities of the CC Debugger, it is also necessary to connect the SPI
bus to the SoC. The SPI interface is used by the CC Debugger for reading the captured RF packets from
the SoC (see Figure 7).
Figure 7. Connection to SoC to Enable Packet Sniffing
Note that the packet sniffer overwrites the Flash on the SoC with special packet capture firmware.
Note concerning the SPI interface to the SoC used for packet sniffing
All of the current TI RF SoCs can be configured to operate as SPI slaves, with the SPI signals (CS, SCLK,
MISO and MOSI) going to one of the USART peripherals. The packet sniffer application programs the
SoC with firmware that configures one of the USART peripherals in order to communicate with the CC
Debugger. The firmware can use any of the four possible pin configurations (USART 0 or 1, pin out
alternative 1 or 2). However, only a subset is currently supported (see Table 1).
Table 1. Supported SPI Connections (marked OK)
USART0, alt 1
USART0, alt 2
USART1, alt 1
USART1, alt 2
CC243x
-
-
-
OK
CC253x/CC254x
-
-
-
OK
CC111x
OK
-
-
OK
CC251x
OK
-
-
OK
Table 2. USART Pin Out Details
USART0, alt 1
USART1, alt 2
SCLK
P0.5
P1.5
CS
P0.4
P1.4
MOSI
P0.3
P1.6
MISO
P0.2
P1.7
In case of multiple supported interfaces, the Packet Sniffer application lets you choose which interface to
use.
10
CC Debugger
SWRU197H – September 2010 – Revised April 2014
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com