Electronic Components Datasheet Search
  English  ▼

X  

GP400DDM12 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # GP400DDM12
Description  Dual Switch IGBT Module Advance Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP400DDM12 Datasheet(HTML) 1 Page - Dynex Semiconductor

  GP400DDM12 Datasheet HTML 1Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 2Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 3Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 4Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 5Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 6Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 7Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 8Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GP400DDM12
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
1/9
www.dynexsemi.com
FEATURES
s
High Thermal Cycling Capability
s
400A Per Switch
s
Non Punch Through Silicon
s
Isolated MMC Base with AlN Substrates
APPLICATIONS
s
High Reliability Inverters
s
Motor Controllers
s
Traction Drives
s
Resonant Converters
The Powerline range of high power modules includes half
bridge, dual, chopper and single switch configurations covering
voltages from 600V to 3300V and currents up to 2400A.
The GP400DDM12 is a dual switch 1200V, n channel
enhancement mode, insulated gate bipolar transistor (IGBT)
module. The IGBT has a wide reverse bias safe operating area
(RBSOA) ensuring reliability in demanding applications.
This
device is optimised for traction drives and other applications
requiring high thermal cycling capability or very high reliability.
The module incorporates an electrically isolated base plate
and low inductance construction enabling circuit designers to
optimise circuit layouts and utilise earthed heat sinks for safety.
ORDERING INFORMATION
Order As:
GP400DDM12
Note: When ordering, please use the whole part number.
KEY PARAMETERS
V
CES
1200V
V
CE(sat)
(typ)
2.7V
I
C
(max)
400A
I
C(PK)
(max)
800A
GP400DDM12
Dual Switch IGBT Module
Advance Information
DS5503-1.0 October 2001
Fig. 1 Dual switch circuit diagram
Fig. 2 Electrical connections - (not to scale)
Outline type code: D
(See package details for further information)
1
3
2
4
12
11
10
7
6
5
8
9
3(C1)
5(E1)
6(G1)
7(C1)
12(C2)
11(G2)
10(E2)
1(E1)
4(E2)
2(C2)


Similar Part No. - GP400DDM12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP400DDS12 DYNEX-GP400DDS12 Datasheet
100Kb / 10P
Powerline N-Channel Dual Switch IGBT Module
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
Dual Switch IGBT Module Preliminary Information
More results

Similar Description - GP400DDM12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400GDM33-A000 DYNEX-DIM400GDM33-A000 Datasheet
162Kb / 10P
Dual Switch IGBT Module Preliminary Information
DIM800DDM12 DYNEX-DIM800DDM12 Datasheet
171Kb / 10P
Dual Switch IGBT Module Preliminary Information
GP1200ESM33 DYNEX-GP1200ESM33 Datasheet
150Kb / 9P
High Reliability Single Switch IGBT Module Advance Information
GP1600FSM12 DYNEX-GP1600FSM12 Datasheet
139Kb / 10P
Single Switch IGBT Module Advance Information
GP1600FSS12 DYNEX-GP1600FSS12 Datasheet
88Kb / 11P
Powerline N-Channel Single Switch IGBT Module Advance Information
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
Dual Switch IGBT Module Preliminary Information
GP401DDM18 DYNEX-GP401DDM18 Datasheet
95Kb / 7P
Hi-Reliability Dual Switch Low VCE(SAT) IGBT Module Advance Information
GP800DDM12 DYNEX-GP800DDM12 Datasheet
114Kb / 11P
Hi-Reliability Dual Switch IGBT Module Advance Information
GP800DDM18 DYNEX-GP800DDM18 Datasheet
144Kb / 10P
Hi-Reliability Dual Switch IGBT Module Advance Information
MP04TT500 DYNEX-MP04TT500 Datasheet
292Kb / 10P
Dual Thyristor Water Cooled Module Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com