Electronic Components Datasheet Search
  English  ▼

X  

GP400DDM12 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # GP400DDM12
Description  Dual Switch IGBT Module Advance Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP400DDM12 Datasheet(HTML) 6 Page - Dynex Semiconductor

  GP400DDM12 Datasheet HTML 1Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 2Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 3Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 4Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 5Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 6Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 7Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 8Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
GP400DDM12
69
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
Fig.7 Diode typical forward characteristics
Fig.8 Reverse bias safe operating area
Fig.9 Forward bias safe operating area
Fig.10 Transient thermal impedance
0
100
200
300
400
500
600
700
800
0
0.5
1
1.5
2
2.5
3
3.5
Forward voltage, VF - (V)
Tj = 125˚C
Tj = 25˚C
0
100
200
300
400
500
600
700
800
900
1000
0
200
400
600
800
1000
1200
Collector-emitter voltage, Vce - (V)
Tcase = 125˚C
Vge = ±15V
Rg = 4.7Ω *
*Recommended minimum value
1
10
100
1000
10000
1
10
100
1000
10000
Collector-emitter voltage, Vce - (V)
tp = 50µs
tp = 100µs
IC max. (single pulse)
tp = 1ms
0.1
1
10
100
1
10
1000
100
10000
Pulse width, tp - (ms)
Diode
Transistor



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com