Electronic Components Datasheet Search
  English  ▼

X  

GP400DDM12 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # GP400DDM12
Description  Dual Switch IGBT Module Advance Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP400DDM12 Datasheet(HTML) 5 Page - Dynex Semiconductor

  GP400DDM12 Datasheet HTML 1Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 2Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 3Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 4Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 5Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 6Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 7Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 8Page - Dynex Semiconductor GP400DDM12 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GP400DDM12
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
5/9
www.dynexsemi.com
TYPICAL CHARACTERISTICS
Fig. 3 Typical output characteristics
Fig. 4 Typical output characteristics
Fig. 5 Typical switching energy vs collector current
Fig. 6 Typical switching energy vs gate resistance
0
100
200
300
600
700
800
0
1.0
2.0
3.0
4.0
5.0
Collector-emitter voltage, Vce - (V)
Vge = 20/15/12/10V
Common emitter
Tcase = 25˚C
500
400
0
100
200
300
600
700
800
0
1.0
2.0
3.0
4.0
5.0
Collector-emitter voltage, Vce - (V)
Vge = 20/15/12/10V
Common emitter
Tcase = 125˚C
500
400
0
20
10
30
40
50
60
70
80
90
0
100
200
300
400
500
Collector current, IC - (A)
Eoff
Eon
Conditions:
Vce = 600V
Tc = 125°C
Rg = 4.7Ω
0
40
80
100
140
20
60
120
160
Gate Resistance, Rg - (Ohms)
04
8
12
16
Conditions:
Vce = 900V
IC = 400A
Tc = 125°C
Eoff
Eon



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com