Electronic Components Datasheet Search
  English  ▼

X  

MA17502 Datasheet(PDF) 13 Page - Dynex Semiconductor

Part # MA17502
Description  Radiation Hard MIL-STD-1750A Control Unit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA17502 Datasheet(HTML) 13 Page - Dynex Semiconductor

Back Button MA17502 Datasheet HTML 9Page - Dynex Semiconductor MA17502 Datasheet HTML 10Page - Dynex Semiconductor MA17502 Datasheet HTML 11Page - Dynex Semiconductor MA17502 Datasheet HTML 12Page - Dynex Semiconductor MA17502 Datasheet HTML 13Page - Dynex Semiconductor MA17502 Datasheet HTML 14Page - Dynex Semiconductor MA17502 Datasheet HTML 15Page - Dynex Semiconductor MA17502 Datasheet HTML 16Page - Dynex Semiconductor MA17502 Datasheet HTML 17Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
MA17502
13/30
5.4 INSTRUCTION SUMMARY
Cycles*
Operation
Op Code/Ext
Mnemonic
Format
M
P
B
LOAD/STORE
Single Precision Load
81
LR
R
1
0
0
0X
LB
B
2
1
0
4X 0
LBX
BX
2
1
0
82
LlSP
lSP
1
0
0
83
LlSN
ISN
1
0
0
80
L
D,DX
3
0
0
85
Ll M
IM,IMX
2
0
0
84
Ll
I,IX
4
1
0
Double-Precision Load
87
DLR
R
1
2
0
0X
DLB
B
3
1
0
4X 1
DLBX
BX
3
2
0
86
D L
D,DX
4
0
0
88
DLI
I,IX
5
1
0
Single-Precision Store
0X
STB
B
2
2
0
4X 2
STBX
BX
2
2
0
90
ST
D,DX
3
1
0
94
STI
I,IX
4
1
0
Store a Non-Negative
91
STC
D,DX
3
1
0
Constant
92
STCI
I,IX
4
1
0
Double-Precision Store
0X
DSTB
B
3
2
0
4X 3
DSTX
BX
3
2
0
96
DST
D,DX
4
0
0
98
DSTl
I,IX
5
1
0
Load Multiple Registers
89
LM
D,DX
3 + n
1
1
Store Multiple Registers
99
STM
D,DX
3 + n
1
1
INTEGER ARITHMETIC
Single-Precision lntegerAdd
A1
AR
R
1
1
0
1X
AB
B
2
2
0
4X 4
ABX
BX
2
2
0
A2
AISP
ISP
1
1
0
A0
A
D,DX
3
1
0
4A 1
AIM
IM
2
1
0
Increment Memory by a
A3
INCM
D,DX
4
1
0
Positive Integer
Single-Precision Absolute
A4
ABS
R
1
1.5
1a
Value of Register
Double-Precision Absolute
A5
DABS
R
1
2.5
1a
Value of Register
* M = memory, P = processor (5 OSC cycles), B = processor (6 OSC cycles), a = average if more than one alternative exists.
Table 6a: Instruction Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com