Electronic Components Datasheet Search
  English  ▼

X  

MA17502 Datasheet(PDF) 16 Page - Dynex Semiconductor

Part # MA17502
Description  Radiation Hard MIL-STD-1750A Control Unit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA17502 Datasheet(HTML) 16 Page - Dynex Semiconductor

Back Button MA17502 Datasheet HTML 12Page - Dynex Semiconductor MA17502 Datasheet HTML 13Page - Dynex Semiconductor MA17502 Datasheet HTML 14Page - Dynex Semiconductor MA17502 Datasheet HTML 15Page - Dynex Semiconductor MA17502 Datasheet HTML 16Page - Dynex Semiconductor MA17502 Datasheet HTML 17Page - Dynex Semiconductor MA17502 Datasheet HTML 18Page - Dynex Semiconductor MA17502 Datasheet HTML 19Page - Dynex Semiconductor MA17502 Datasheet HTML 20Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
MA17502
16/30
Table 6a (continued): Instruction Summary
Cycles*
Operation
Op Code/Ext
Mnemonic
Format
M
P
B
COMPARE
Single-Precision Compare
F1
CR
R
1
0
0
3X
CB
B
210
4X C
CBX
BX
2
1
0
F2
CISP
ISP
1
0
0
F3
CISN
ISN
1
0
0
F0
C
D,DX
3
0
0
4A A
CIM
IM
2
0
0
Compare Between Limits
F4
CBL
D,DX
4
2.75
1.75a
Double-Precision Compare
F7
DCR
R
1
2
0
F6
DC
D,DX
4
0
0
JUMP/BRANCH
Jump on Condition
70
JC
D,DX
2
0.5
1a
71
JCl
I,IX
3
0.5
1a
Jump to Subroutine
72
JS
D,DX
2
2
0
Subtract One and Jump
73
SOJ
D,DX
2
2.5
1a
Branch Unconditionally
74
BR
ICR
2
2
0
Branch if Equal to (zero)
75
BEz
ICR
1.5
1
1a
Branch if Less than (zero)
76
BLT
ICR
1.5
1
1a
Branch to Executive
77
BEX
S
16
12
3a
Branch if Less than or Equal to (Zero)
78
BLE
ICR
1.5
1
1a
Branch if Greater than (Zero)
79
BGT
ICR
1.5
1
1a
Branch if Not Equal to (Zero)
7A
BNZ
ICR
1.5
1
1a
Branch if Greater than or Equal to (Zero)
7B
BGE
ICR
1.5
1
1a
SHIFT
Shift Left Logical
60
SLL
R
1
1
0
Shift Right Logical
61
SRL
R
1
1
0
Shift Right Arithmetic
62
SRA
R
1
1
0
Shift Left Cyclic
63
SLC
R
1
1
0
Double Shift Left Logical
65
DSLL
R
1
3
0
Double Shift Right Logical
66
DSRL
R
1
2
0
Double Shift Right Arithmetic
67
DSRA
R
1
2
0
Double Shift Left Cyclic
68
DSLC
R
1
3
0
Shift Logical, Count in Register
6A
SLR
R
1
1
3
Shift Arithmetic, Count in Register
6B
SAR
R
1
1.5
3.50a
Shift Cyclic, Count in Register
6C
SCR
R
1
1
3.25a
Double Shift Logical, Count in Register
6D
DSLR
R
1
2.25
4a
Double Shift Arithmetic, Count in Register
6E
DSAR
R
1
3.19
4.94a
Double Shift Cyclic, Count in Register
6F
DSCR
R
1
3.5
3a
* M = memory, P = processor (5 OSC cycles), B = processor (6 OSC cycles), a = average if more than one alternative exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com