Electronic Components Datasheet Search
  English  ▼

X  

MA17502 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # MA17502
Description  Radiation Hard MIL-STD-1750A Control Unit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA17502 Datasheet(HTML) 2 Page - Dynex Semiconductor

  MA17502 Datasheet HTML 1Page - Dynex Semiconductor MA17502 Datasheet HTML 2Page - Dynex Semiconductor MA17502 Datasheet HTML 3Page - Dynex Semiconductor MA17502 Datasheet HTML 4Page - Dynex Semiconductor MA17502 Datasheet HTML 5Page - Dynex Semiconductor MA17502 Datasheet HTML 6Page - Dynex Semiconductor MA17502 Datasheet HTML 7Page - Dynex Semiconductor MA17502 Datasheet HTML 8Page - Dynex Semiconductor MA17502 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MA17502
2/30
Figure 1: MAS281 Chip Set With Optional MA17504 and Support RAMs
Signature
l/O
Definition
AD00 - AD15
I
External 16-Bit Address/Data Bus
CC00 - CC11
I/O
12-Bit Microcode Address Bus
CLKPC
I
Precharge Clock
CLK02
I
Phase 2 Clock
CS
I
Chip Select
HOLD
I
Hold Request Suspends lnternal Processor Functions
IR
I
Interrupt Request
M00 - M19
I/O/Z
20-Bit Microcode Bus
NC
-
No Connection
PIF
I
Privileged lnstruction Fault
RESET
I
Rest Indicates Device Initialization
ROMONLY
I
Indicates if Control Unit to be Used as ROM Only
T1
I
Branch or Jump Control
VDD
Power (External), 5 Volts
GND
Ground
Table 1: Signal Definitions
MA17501
Execution
Unit
MA17502
Control
Unit
MA17503
Interrupt
Unit
MA31751
Block
Protection
& Memory
Management
Unit
Protection
RAM
128 x 16
Page
RAM
512 x 13
Address
7
Control
1
Data
16
Address
9
Control
1
Data
13
4
3
8
7
16
3
3
20
20
M Bus
16
4
4
7
9
10
1
16
1
16
10
1
8
4
8
Status
Control
Physical Page
Address
Clock
Control
Address/Data
Bus
Control
Control
Faults
Interrupts
Timer
Controls
Power
Reset
MAS281 Chip Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com