Electronic Components Datasheet Search
  English  ▼

X  

MA28151 Datasheet(PDF) 9 Page - Dynex Semiconductor

Part # MA28151
Description  Radiation hard Programmable Communication Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28151 Datasheet(HTML) 9 Page - Dynex Semiconductor

Back Button MA28151 Datasheet HTML 5Page - Dynex Semiconductor MA28151 Datasheet HTML 6Page - Dynex Semiconductor MA28151 Datasheet HTML 7Page - Dynex Semiconductor MA28151 Datasheet HTML 8Page - Dynex Semiconductor MA28151 Datasheet HTML 9Page - Dynex Semiconductor MA28151 Datasheet HTML 10Page - Dynex Semiconductor MA28151 Datasheet HTML 11Page - Dynex Semiconductor MA28151 Datasheet HTML 12Page - Dynex Semiconductor MA28151 Datasheet HTML 13Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
MA28151
9/22
3.10 COMMAND INSTRUCTION DEFINITION
Once the functional definition of the MA28151 has been
programmed by the Mode Instruction and the sync characters
are loaded (if in Sync Mode) then the device is ready to be
used for data communications. The Command Instruction
controls the actual operation of the selected format. Functions
such as: Enable Transmit/Receive, Error Reset and Modem
Controls are provided by the Command Instruction.
Once the Mode Instruction has been written into the
MA28151 and Sync characters inserted, if necessary, then all
further “control writes” (CDN=1) will load a Command
Instruction. A Reset Operation (internal or external) will return
the MA28151 to the Mode instruction format.
Note: Internal Reset on Power-up. When power is first
applied, the MA28151 may come up in the Mode, Sync
character or Command format. To guarantee that the device is
in the Command instruction format before the Reset command
is issued, it is safest to execute the worst-case initialization
sequence (sync mode with two sync characters). Loading
three 00Hs consecutively into the device with CDN=1
configures sync operation and writes two dummy 00H sync
characters. An internal reset command (40H) may then be
issued to return the device to the idle state.
3.11 COMMAND INSTRUCTION FORMAT
D
7
TRANSMIT ENABLE
1 = ENABLE
0 = DISABLE
EH
D
6
IR
D
5
RTS
D
4
ER
D
3
SBRK
D
2
RxE
D
1
DTR
D
0
TxEN
DATA TERMINAL READY
HIGH WILL FORCE DTR
OUTPUT TO ZERO
RECEIVE ENABLE
1 = ENABLE
0 = DISABLE
SEND BREAK CHARACTER
1 = FORCES TxD LOW
0 = NORMAL OPERATION
ERROR RESET
1 = RESET ERROR FLAGS
PE, OE, FE
REQUEST TO SEND
HIGH WILL FORCE RTS
OUTPUT TO ZERO
INTERNAL RESET
HIGH RETURNS THE MA28151 TO
MODE INSTRUCTION FORMAT
ENTER HUNT MODE*
HIGH ENABLES SEARCH FOR SYNC
CHARACTERS (HAS NO EFFECT IN ASYNC MODE)
*NOTE: ERROR RESET must be performed whenever RxENABLE and ENTER-HUNT
are programmed.
Figure 12: Command Instruction Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com