Electronic Components Datasheet Search
  English  ▼

X  

MA28151 Datasheet(PDF) 10 Page - Dynex Semiconductor

Part # MA28151
Description  Radiation hard Programmable Communication Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28151 Datasheet(HTML) 10 Page - Dynex Semiconductor

Back Button MA28151 Datasheet HTML 6Page - Dynex Semiconductor MA28151 Datasheet HTML 7Page - Dynex Semiconductor MA28151 Datasheet HTML 8Page - Dynex Semiconductor MA28151 Datasheet HTML 9Page - Dynex Semiconductor MA28151 Datasheet HTML 10Page - Dynex Semiconductor MA28151 Datasheet HTML 11Page - Dynex Semiconductor MA28151 Datasheet HTML 12Page - Dynex Semiconductor MA28151 Datasheet HTML 13Page - Dynex Semiconductor MA28151 Datasheet HTML 14Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MA28151
10/22
3.12 STATUS READ DEFINITION
In data communication systems it is often necessary to
examine the status of the active device to ascertain if errors
have occurred or other conditions that require the processor’s
attention. The MA28151 has facilities that allow the
programmer to read the status of the device at any time during
the functional operation. (Status update is inhibited during
status read).
A normal read command is issued by the CPU with CDN
high to accomplish this function.
Some of the bits in the Status Read Format have identical
meanings to external output pins so that the MA28151 can be
used in a completely polled or interrupt-driven environment.
TxRDY is an exception.
Note that status update can have a maximum delay of 28
clock periods from the actual event affecting the status.
3.13 STATUS READ FORMAT
D
7
DSR
D
6
SYNDET
BRKDET
D
5
FE
D
4
OE
D
3
PE
D
2
Tx
EMPTY
D
1
RxRDY
D
0
TxRDY
PARITY ERROR
The PE flag is set when the
parity error is detected. It is
reset by the ER bit of the
Command Instruction. PE does
not inhibit the operation of the
MA28151.
Note 1: TxRDY status bit has different meanings from the TxRDY output pin. The former
is not conditioned by CTS and TxEN, the latter is conditioned by both CTS and TxEN.
ie. TxRDY status bit 0 DB buffer empty
TxRDY pin out = DB buffer empty OR (CTSN = 0) OR (TxEN = 1)
Note 1
Same as I/O pins
OVERRUN ERROR
The OE flag is set when the
CPU does not read a character
before the next one becomes
available. It is reset by the ER
bit of the Command Instruction
OE does not inhibit operation
of the MA28151, however the
previously overrun character is
lost.
FRAMING ERROR (ASYNC
ONLY)
The FE flag is set when a valid
Stop bit is not detected at the
end of every character. It is
reset by the ER bit of the
Command Instruction. FE does
not inhibit the operation of the
MA28151.
DATA SET READY
Indicates that the DSR is at a
zero level.
Figure 13: Status Read Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com