Electronic Components Datasheet Search
  English  ▼

X  

EPF8282AV Datasheet(PDF) 52 Page - Altera Corporation

Part # EPF8282AV
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 52 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 48Page - Altera Corporation EPF8282AV Datasheet HTML 49Page - Altera Corporation EPF8282AV Datasheet HTML 50Page - Altera Corporation EPF8282AV Datasheet HTML 51Page - Altera Corporation EPF8282AV Datasheet HTML 52Page - Altera Corporation EPF8282AV Datasheet HTML 53Page - Altera Corporation EPF8282AV Datasheet HTML 54Page - Altera Corporation EPF8282AV Datasheet HTML 55Page - Altera Corporation EPF8282AV Datasheet HTML 56Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
52
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
Figure 20. FLEX 8000 ICCACTIVE vs. Operating Frequency
Configuration &
Operation
The FLEX 8000 architecture supports several configuration schemes to
load a design into the device(s) on the circuit board. This section
summarizes the device operating modes and available device
configuration schemes.
f For more information, go to Application Note 33 (Configuring FLEX 8000
Devices) and Application Note 38 (Configuring Multiple FLEX 8000 Devices).
30
60
0
400
600
1,000
800
200
1,000 LEs
500 LEs
1,500 LEs
Frequency (MHz)
ICC Supply
Current (mA)
Frequency (MHz)
30
60
100
ICC Supply
Current (mA)
200 LEs
150 LEs
100 LEs
50 LEs
10
20
30
40
50
60
70
80
90
0
3.3-V FLEX 8000 Devices
5.0-V FLEX 8000 Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com