Electronic Components Datasheet Search
  English  ▼

X  

EPF8282AV Datasheet(PDF) 42 Page - Altera Corporation

Part # EPF8282AV
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 42 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 38Page - Altera Corporation EPF8282AV Datasheet HTML 39Page - Altera Corporation EPF8282AV Datasheet HTML 40Page - Altera Corporation EPF8282AV Datasheet HTML 41Page - Altera Corporation EPF8282AV Datasheet HTML 42Page - Altera Corporation EPF8282AV Datasheet HTML 43Page - Altera Corporation EPF8282AV Datasheet HTML 44Page - Altera Corporation EPF8282AV Datasheet HTML 45Page - Altera Corporation EPF8282AV Datasheet HTML 46Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
42
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
Table 32. EPF8452A LE Timing Parameters
Symbol
Speed Grade
Unit
A-2
A-3
A-4
Min
Max
Min
Max
Min
Max
t LUT
2.0
2.3
3.0
ns
t CLUT
0.0
0.2
0.1
ns
t RLUT
0.9
1.6
1.6
ns
t GATE
0.0
0.0
0.0
ns
t CASC
0.6
0.7
0.9
ns
t CICO
0.4
0.5
0.6
ns
t CGEN
0.4
0.9
0.8
ns
t CGENR
0.9
1.4
1.5
ns
t C
1.6
1.8
2.4
ns
t CH
4.0
4.0
4.0
ns
t CL
4.0
4.0
4.0
ns
t CO
0.4
0.5
0.6
ns
t COMB
0.4
0.5
0.6
ns
t SU
0.8
1.0
1.1
ns
t H
0.9
1.1
1.4
ns
t PRE
0.6
0.7
0.8
ns
t CLR
0.6
0.7
0.8
ns
Table 33. EPF8452A External Timing Parameters
Symbol
Speed Grade
Unit
A-2
A-3
A-4
Min
Max
Min
Max
Min
Max
tDRR
16.0
20.0
25.0
ns
tODH
1.0
1.0
1.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com