Electronic Components Datasheet Search
  English  ▼

X  

2N7002PS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 2N7002PS
Description  60 V, 320 mA N-channel Trench MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002PS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 2N7002PS Datasheet HTML 2Page - NXP Semiconductors 2N7002PS Datasheet HTML 3Page - NXP Semiconductors 2N7002PS Datasheet HTML 4Page - NXP Semiconductors 2N7002PS Datasheet HTML 5Page - NXP Semiconductors 2N7002PS Datasheet HTML 6Page - NXP Semiconductors 2N7002PS Datasheet HTML 7Page - NXP Semiconductors 2N7002PS Datasheet HTML 8Page - NXP Semiconductors 2N7002PS Datasheet HTML 9Page - NXP Semiconductors 2N7002PS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2N7002PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 1 July 2010
6 of 16
NXP Semiconductors
2N7002PS
60 V, 320 mA N-channel Trench MOSFET
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.01.
Table 7.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID =10 μA; VGS = 0 V
60
--V
VGS(th)
gate-source threshold
voltage
ID =250 μA; VDS =VGS
1.1
1.75
2.4
V
IDSS
drain leakage current
VDS =60V; VGS =0V
Tj =25 °C
--1
μA
Tj = 150 °C
--10
μA
IGSS
gate leakage current
VGS = ±20 V; VDS = 0 V
-
-
100
nA
RDSon
drain-source on-state
resistance
[1]
VGS =5V; ID =50mA
-
1.3
2
Ω
VGS =10V; ID =500 mA
-
1
1.6
Ω
gfs
forward
transconductance
VDS =10V; ID = 200 mA [1] -
400
-
mS
Dynamic characteristics
QG(tot)
total gate charge
ID =300 mA;
VDS =30V;
VGS =4.5 V
-0.6
0.8
nC
QGS
gate-source charge
-
0.2
-
nC
QGD
gate-drain charge
-
0.2
-
nC
Ciss
input capacitance
VGS =0V; VDS =10V;
f=1MHz
-
3050pF
Coss
output capacitance
-
7
-
pF
Crss
reverse transfer
capacitance
-4
-pF
td(on)
turn-on delay time
VDD =50V;
RL =250 Ω;
VGS =10V;
RG =6 Ω
-
36ns
tr
rise time
-4
-ns
td(off)
turn-off delay time
-
10
20
ns
tf
fall time
-
5
-
ns
Source-drain diode
VSD
source-drain voltage
IS =115 mA; VGS = 0 V
0.47
0.75
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com