Electronic Components Datasheet Search
  English  ▼

X  

2N7002PS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 2N7002PS
Description  60 V, 320 mA N-channel Trench MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002PS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 2N7002PS Datasheet HTML 4Page - NXP Semiconductors 2N7002PS Datasheet HTML 5Page - NXP Semiconductors 2N7002PS Datasheet HTML 6Page - NXP Semiconductors 2N7002PS Datasheet HTML 7Page - NXP Semiconductors 2N7002PS Datasheet HTML 8Page - NXP Semiconductors 2N7002PS Datasheet HTML 9Page - NXP Semiconductors 2N7002PS Datasheet HTML 10Page - NXP Semiconductors 2N7002PS Datasheet HTML 11Page - NXP Semiconductors 2N7002PS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2N7002PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 1 July 2010
8 of 16
NXP Semiconductors
2N7002PS
60 V, 320 mA N-channel Trench MOSFET
VDS >ID × RDSon
(1) Tamb =25 °C
(2) Tamb = 150 °C
Fig 10. Per transistor: Transfer characteristics: drain
current as a function of gate-source voltage;
typical values
Fig 11. Per transistor: Normalized drain-source
on-state resistance as a function of ambient
temperature; typical values
ID = 0.25 mA; VDS =VGS
(1) maximum values
(2) typical values
(3) minimum values
f=1MHz; VGS =0V
(1) Ciss
(2) Coss
(3) Crss
Fig 12. Per transistor: Gate-source threshold voltage
as a function of ambient temperature
Fig 13. Per transistor: Input, output and reverse
transfer capacitances as a function of
drain-source voltage; typical values
VGS (V)
0.0
5.0
4.0
2.0
3.0
1.0
017aaa021
0.4
0.6
0.2
0.8
1.0
ID
(A)
0.0
(1)
(2)
(2)
(1)
Tamb (°C)
−60
180
120
060
017aaa022
1.2
0.6
1.8
2.4
a
0.0
a
R
DSon
R
DSon 25
°C
()
-----------------------------
=
Tamb (°C)
−60
180
120
060
017aaa023
1.0
2.0
3.0
VGS(th)
(V)
0.0
(2)
(1)
(3)
017aaa024
VDS (V)
10−1
102
10
1
10
102
C
(pF)
1
(2)
(1)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com