Electronic Components Datasheet Search
  English  ▼

X  

2N7002PS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 2N7002PS
Description  60 V, 320 mA N-channel Trench MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002PS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 2N7002PS Datasheet HTML 3Page - NXP Semiconductors 2N7002PS Datasheet HTML 4Page - NXP Semiconductors 2N7002PS Datasheet HTML 5Page - NXP Semiconductors 2N7002PS Datasheet HTML 6Page - NXP Semiconductors 2N7002PS Datasheet HTML 7Page - NXP Semiconductors 2N7002PS Datasheet HTML 8Page - NXP Semiconductors 2N7002PS Datasheet HTML 9Page - NXP Semiconductors 2N7002PS Datasheet HTML 10Page - NXP Semiconductors 2N7002PS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2N7002PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 1 July 2010
7 of 16
NXP Semiconductors
2N7002PS
60 V, 320 mA N-channel Trench MOSFET
Tamb =25 °CTamb =25 °C; VDS =5V
(1) minimum values
(2) typical values
(3) maximum values
Fig 6.
Per transistor: Output characteristics: drain
current as a function of drain-source voltage;
typical values
Fig 7.
Per transistor: Sub-threshold drain current as
a function of gate-source voltage
Tamb =25 °C
(1) VGS =3.25 V
(2) VGS =3.5 V
(3) VGS =4 V
(4) VGS =5 V
(5) VGS =10 V
ID =500 mA
(1) Tamb = 150 °C
(2) Tamb =25 °C
Fig 8.
Per transistor: Drain-source on-state
resistance as a function of drain current;
typical values
Fig 9.
Per transistor: Drain-source on-state
resistance as a function of gate-source
voltage; typical values
VDS (V)
0.0
4.0
3.0
1.0
2.0
017aaa017
0.4
0.5
0.3
0.2
0.1
0.6
0.7
ID
(A)
0.0
3.5 V
VGS = 4.0 V
3.0 V
2.75 V
2.5 V
3.25 V
017aaa018
VGS (V)
03
2
1
10−4
10−5
10−3
ID
(A)
10−6
(2)
(1)
(3)
ID (A)
0.0
1.0
0.8
0.4
0.6
0.2
017aaa019
5.0
2.5
7.5
10.0
RDSon
(
Ω)
0.0
(2)
(1)
(3)
(4)
(5)
VGS (V)
0.0
10.0
8.0
4.0
6.0
2.0
017aaa020
2.0
4.0
6.0
RDSon
(
Ω)
0.0
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com