Electronic Components Datasheet Search
  English  ▼

X  

MP02X175 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # MP02X175
Description  Phase Control Dual SCR, SCR/Diode Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02X175 Datasheet(HTML) 3 Page - Dynex Semiconductor

  MP02X175 Datasheet HTML 1Page - Dynex Semiconductor MP02X175 Datasheet HTML 2Page - Dynex Semiconductor MP02X175 Datasheet HTML 3Page - Dynex Semiconductor MP02X175 Datasheet HTML 4Page - Dynex Semiconductor MP02X175 Datasheet HTML 5Page - Dynex Semiconductor MP02X175 Datasheet HTML 6Page - Dynex Semiconductor MP02X175 Datasheet HTML 7Page - Dynex Semiconductor MP02X175 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
www.dynexsemi.com
MP02X175 Series
Units
mA
V/
µs
A/
µs
V
m
Ω
Test Conditions
At V
RRM/VDRM, Tj = 125˚C
To 67% V
DRM, Tj = 125˚C
From 67% V
DRM to 500A,
Repetitive 50Hz
gate source 10V, 5
Ω,
t
r = 0.5µs, Tj = 125˚C
At T
vj = 125˚C. See note 1
At T
vj = 125˚C. See note 1
Parameter
Peak reverse and off-state current
Linear rate of rise of off-state voltage
Rate of rise of on-state current
Threshold voltage
On-state slope resistance
DYNAMIC CHARACTERISTICS - THYRISTOR
Symbol
I
RRM/IDRM
dV/dt
dI/dt
V
T(TO)
r
T
Max.
30
1000
500
1.05
0.8
Min.
-
-
-
-
-
Note 1: The data given in this datasheet with regard to forward voltage drop is for calculation of the power dissipation in the
semiconductor elements only. Forward voltage drops measured at the power terminals of the module will be in excess of these
figures due to the impedance of the busbar from the terminal to the semiconductor.
Parameter
Gate trigger voltage
Gate trigger current
Gate non-trigger voltage
Peak forward gate voltage
Peak forward gate voltage
Peak reverse gate voltage
Peak forward gate current
Peak gate power
Mean gate power
Test Conditions
V
DRM = 5V, Tcase = 25
oC
V
DRM = 5V,
T
case = 25
oC
V
DRM = 5V,
T
case = 25
oC
Anode positive with respect to cathode
Anode negative with respect to cathode
-
Anode positive with respect to cathode
See table fig. 5
-
Symbol
V
GT
I
GT
V
GD
V
FGM
V
FGN
V
RGM
I
FGM
P
GM
P
G(AV)
GATE TRIGGER CHARACTERISTICS AND RATINGS
Max.
3.0
150
0.25
30
0.25
5
10
100
5
Units
V
mA
V
V
V
V
A
W
W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com