Electronic Components Datasheet Search
  English  ▼

X  

MP02X175 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # MP02X175
Description  Phase Control Dual SCR, SCR/Diode Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02X175 Datasheet(HTML) 7 Page - Dynex Semiconductor

  MP02X175 Datasheet HTML 1Page - Dynex Semiconductor MP02X175 Datasheet HTML 2Page - Dynex Semiconductor MP02X175 Datasheet HTML 3Page - Dynex Semiconductor MP02X175 Datasheet HTML 4Page - Dynex Semiconductor MP02X175 Datasheet HTML 5Page - Dynex Semiconductor MP02X175 Datasheet HTML 6Page - Dynex Semiconductor MP02X175 Datasheet HTML 7Page - Dynex Semiconductor MP02X175 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
www.dynexsemi.com
MP02X175 Series
PACKAGE DETAILS
For further package information, please visit our website or contact your nearest Customer Service Centre. All dimensions in mm, unless
stated otherwise. DO NOT SCALE.
23
23
24
13
80
94
3x M6
2 holes Ø6.5
12
3
5
15
K2
G2
K1
G1
Nominal weight: 350g
Recommended fixings for mounting: M6 socket head cap screws
Recommended mounting torque: 6Nm (55lb.ins)
Recommended torque for electrical connections: 5Nm (44lb.ins)
Maximum torque for electrical connections: 8Nm (70lb.ins)
Module outline type code: MP02
12
3
K
2 G2
G
1 K1
12
3
Circuit type: HBN
Circuit type: HBT
Circuit type: HBP
G
1 K1
12
3
K
2 G2
MOUNTING RECOMMENDATIONS
Adequate heatsinking is required to maintain the base
temperature at 75˚C if full rated current is to be achieved. Power
dissipation may be calculated by use of V
T(TO) and rT information
in accordance with standard formulae. We can provide
assistance with calculations or choice of heatsink if required.
The heatsink surface must be smooth and flat; a surface finish
of N6 (32
µin) and a flatness within 0.05mm (0.002") are
recommended.
Immediately prior to mounting, the heatsink surface should be
lightly scrubbed with fine emery, Scotch Brite or a mild chemical
etchant and then cleaned with a solvent to remove oxide build
up and foreign material. Care should be taken to ensure no
foreign particles remain.
An even coating of thermal compound (eg. Unial) should be
applied to both the heatsink and module mounting surfaces.
This should ideally be 0.05mm (0.002") per surface to ensure
optimum thermal performance.
After application of thermal compound, place the module
squarely over the mounting holes, (or ‘T’ slots) in the heatsink.
Fit and finger tighten the recommended fixing bolts at each end.
Using a torque wrench, continue to tighten the fixing bolts by
rotating each bolt in turn no more than 1/4 of a revolution at a
time, until the required torque of 6Nm (55lbs.ins) is reached on
all bolts at both ends.
It is not acceptable to fully tighten one fixing bolt before starting
to tighten the others. Such action may DAMAGE the module.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com