Electronic Components Datasheet Search
  English  ▼

X  

MP02X175 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # MP02X175
Description  Phase Control Dual SCR, SCR/Diode Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02X175 Datasheet(HTML) 5 Page - Dynex Semiconductor

  MP02X175 Datasheet HTML 1Page - Dynex Semiconductor MP02X175 Datasheet HTML 2Page - Dynex Semiconductor MP02X175 Datasheet HTML 3Page - Dynex Semiconductor MP02X175 Datasheet HTML 4Page - Dynex Semiconductor MP02X175 Datasheet HTML 5Page - Dynex Semiconductor MP02X175 Datasheet HTML 6Page - Dynex Semiconductor MP02X175 Datasheet HTML 7Page - Dynex Semiconductor MP02X175 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
www.dynexsemi.com
MP02X175 Series
Fig. 7 On-state power loss per arm vs on-state current at
specified conduction angles, sine wave 50/60Hz
Fig. 8 On-state power loss per arm vs on-state current at
specified conduction angles, square wave 50/60Hz
Fig. 9 Maximum permissible case temperature vs on-state
current at specified conduction angles, sine wave 50/60Hz
Fig. 10 Maximum permissible case temperature vs on-state
current at specified conduction angles, square wave 50/60Hz
0
50
100
150
Mean on-state current, IT(AV) - (A)
300
0
50
100
150
200
250
350
120˚
90˚
60˚
30˚
300
250
200
180˚
040
80
120
Mean on-state current, IT(AV) - (A)
120
0
20
40
60
80
100
140
120˚
90˚
60˚
30˚
200
160
180˚
20
60
100
140
180
220 240
0
50
100
150
Mean on-state current, IT(AV) - (A)
300
0
50
100
150
200
250
350
300
250
200
120˚
90˚
60˚
30˚
180˚
d.c.
20
60
100
140
Mean on-state current, IT(AV) - (A)
120
0
20
40
60
80
100
140
180˚
120˚
90˚
60˚
220
180
d.c.
40
80
120
160
200
240 260 280
30˚



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com