Electronic Components Datasheet Search
  English  ▼

X  

GD35-25 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GD35-25
Description  Client Side Antennas
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GD35-25 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GD35-25 Datasheet HTML 1Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 2Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 3Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 4Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 5Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 6Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 7Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 8Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
900—928MHz
Part #
Part #
Part #
Part #
Type
Type
Type
Type
Gain
Gain
Gain
Gain
(dBi)
(dBi)
(dBi)
(dBi)
BW
BW
BW
BW
(deg)
(deg)
(deg)
(deg)
Front
Front
Front
Front
to Back
to Back
to Back
to Back
Polarity
Polarity
Polarity
Polarity
Weight
Weight
Weight
Weight
(lbs)
(lbs)
(lbs)
(lbs)
Dimensions
Dimensions
Dimensions
Dimensions
(in.)
(in.)
(in.)
(in.)
R2T9
R2T9
R2T9
R2T9----12
12
12
12
RooTenna®
12
45
>21dB
Hor / Ver
9
16.5 x 15 x 1
LP800
LP800
LP800
LP800----2500
2500
2500
2500----9
99
9----NF
NF
NF
NF
Dual Band Yagi
9
55/90/75
>23dB
Hor/Ver
1.5
15.5 x 10.5 x 2.75
YA9
YA9
YA9
YA9----9
99
9
Yagi
9
53
>14dB
Hor / Ver
1.9Lbs
20
YA9W
YA9W
YA9W
YA9W----11
11
11
11
Wide Band Yagi
11
50
>15dB
Hor / Ver
2.4Lbs
35
YA9W
YA9W
YA9W
YA9W----13
13
13
13
Wide Band Yagi
13
30
>18dB
Hor / Ver
3.3Lbs
57
HDGD9
HDGD9
HDGD9
HDGD9----15
15
15
15
HD Series Grid
15
19
>19dB
Hor / Ver
11
34 x 28
GD9
GD9
GD9
GD9----15
15
15
15
Grid
15
19
>19dB
Hor / Ver
11
34 x 28
HDGD9
HDGD9
HDGD9
HDGD9----DC15
DC15
DC15
DC15
HD Series Die
Cast Grid
15
19
>19dB
Hor / Ver
8.2
42 x 24
GD9
GD9
GD9
GD9----DC15
DC15
DC15
DC15
Die Cast Grid
15
19
>19dB
Hor / Ver
8.2
42 x 24
2400—2485MHz
Part #
Part #
Part #
Part #
Type
Type
Type
Type
Gain
Gain
Gain
Gain
(dBi)
(dBi)
(dBi)
(dBi)
BW
BW
BW
BW
(deg)
(deg)
(deg)
(deg)
Front to
Front to
Front to
Front to
Back
Back
Back
Back
Polarity
Polarity
Polarity
Polarity
Weight
Weight
Weight
Weight
(lbs)
(lbs)
(lbs)
(lbs)
Dimensions
Dimensions
Dimensions
Dimensions
(in.)
(in.)
(in.)
(in.)
R 2 T 2 4
R 2 T 2 4
R 2 T 2 4
R 2 T 2 4 ---- 1 5
1 5
1 5
1 5
RooTenna®
15
35
>18dB
Hor / Ver
1.8
9 x 9 x 2
R T 2 4
R T 2 4
R T 2 4
R T 2 4 ---- 1 8
1 8
1 8
1 8
RooTenna®
19
20
>30dB
Hor / Ver
9
16.5x15x1
R 2 T 2 4 5 8
R 2 T 2 4 5 8
R 2 T 2 4 5 8
R 2 T 2 4 5 8
Dual Band
RooTenna®
12
15
43
22
>25dB
Hor/Ver
1.8
9 x 9 x 2
DCE
DCE
DCE
DCE----ANT2412
ANT2412
ANT2412
ANT2412----7x6x2
7x6x2
7x6x2
7x6x2
Die Cast Enclosure
Antenna
12
35
>18dB
Ver
2.5
10 x 7.1 x 2.25
DCE
DCE
DCE
DCE----ANT2458
ANT2458
ANT2458
ANT2458----7x6x2
7x6x2
7x6x2
7x6x2
Dual Band Die Cast
Enclosure Antenna
12
15
43
22
>30dB
Ver
2.5
10 x 7.1 x 2.25
LP800
LP800
LP800
LP800----2500
2500
2500
2500----9
99
9----NF
NF
NF
NF
Dual Band Yagi
9
55/90/
75
>23dB
Hor/Ver
1.5
15.5 x 10.5 x
2.75
VA24
VA24
VA24
VA24----16
16
16
16
Vagi
16
25
>19dB
Hor / Ver
1.5
22 x 3
M D 2 4
M D 2 4
M D 2 4
M D 2 4 ---- 1 2
1 2
1 2
1 2
Mini-Directional
12
34
>25dB
Hor / Ver
1
4 x 4 x 4
Pacific Wireless offers client antennas for
900MHz, 2.4, 3.5 and 5GHz applications. Anten-
nas are compatible with 802.11a/b/g, WiMax, ETSI
and various other international standards.
Client Side Antennas
2
2
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com