Electronic Components Datasheet Search
  English  ▼

X  

GD35-25 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GD35-25
Description  Client Side Antennas
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GD35-25 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GD35-25 Datasheet HTML 4Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 5Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 6Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 7Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 8Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 9Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 10Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 11Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3.5GHz Solid Parabolic Dish
3.5GHz Solid Parabolic Dish
3.5GHz Solid Parabolic Dish
3.5GHz Solid Parabolic Dish
Part No: DA35-25, DA35-28
Part #
Part #
Part #
Part #
Frequency
Frequency
Frequency
Frequency
(MHz)
(MHz)
(MHz)
(MHz)
Gain
Gain
Gain
Gain
(dBi)
(dBi)
(dBi)
(dBi)
BW
BW
BW
BW
(deg)
(deg)
(deg)
(deg)
Front
Front
Front
Front
to Back
to Back
to Back
to Back
Polarity
Polarity
Polarity
Polarity
Weight
Weight
Weight
Weight
(lbs)
(lbs)
(lbs)
(lbs)
Dimensions (in)
Dimensions (in)
Dimensions (in)
Dimensions (in)
GD9
GD9
GD9
GD9----18
18
18
18
900-928
19
16.5
>30dB
Hor/Ver
27
4’ dia
HDGD24
HDGD24
HDGD24
HDGD24----24
24
24
24
1700-2700
24
8
>24dB
Hor/Ver
5.5
42 x 24
HDDC24
HDDC24
HDDC24
HDDC24----24
24
24
24
1700-2700
24
8
>24dB
Hor/Ver
8.2
28.5 x 36
GD35
GD35
GD35
GD35----25
25
25
25
3400-3600
25
13
>20dB
Hor / Ver
8.2
28.5 x 36
DA35
DA35
DA35
DA35----25
25
25
25
3400-3600
25
10
>32dB
Hor / Ver
11
26 dia
DA35
DA35
DA35
DA35----28
28
28
28
3400-3600
28
7.5
>35dB
Hor / Ver
22
35.4 dia
HDDA5W
HDDA5W
HDDA5W
HDDA5W----29
29
29
29
5150-5825
29
6
>30dB
Hor/Ver
11
26 dia
HDDA5W
HDDA5W
HDDA5W
HDDA5W----32
32
32
32
5150-5825
32
4
>38dB
Hor/Ver
12
35.4 dia
HDDA5W
HDDA5W
HDDA5W
HDDA5W----29
29
29
29----DP
DP
DP
DP
5150-5825
29
4
>30dB
Dual
Polarity
11
26 dia
HDDA5W
HDDA5W
HDDA5W
HDDA5W----32
32
32
32----DP
DP
DP
DP
5150-5825
32
4
>35dB
Dual
Polarity
22
35.4 dia
GD5x
GD5x
GD5x
GD5x----29
29
29
29
5150-5825
29
4
>25dB
Hor/Ver
11
28.5 x 36
5GHz Solid Parabolic Dish
5GHz Solid Parabolic Dish
5GHz Solid Parabolic Dish
5GHz Solid Parabolic Dish
Part No: HDDA5W
900MHz Parabolic Grid Dish
900MHz Parabolic Grid Dish
900MHz Parabolic Grid Dish
900MHz Parabolic Grid Dish
Part No: GD9-18
Point-to-Point Backhaul Antennas
The Pacific Wireless Point-to-Point Backhaul antennas are specifically
designed for high performance long distance applications. Backhaul
antennas are offered in the 900MHz, 2.4, 3.5 and 5GHz frequencies.
The grid dish backhaul systems are lightweight and offer excellent
windloading performance.
The solid parabolic dishes are constructed to withstand the harshest
of environments. An optional radome cover is available.
8
8
8
8
Point-to-Point Backhaul Antennas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com