Electronic Components Datasheet Search
  English  ▼

X  

GD35-25 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GD35-25
Description  Client Side Antennas
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GD35-25 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GD35-25 Datasheet HTML 1Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 2Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 3Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 4Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 5Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 6Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 7Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 8Page - List of Unclassifed Manufacturers GD35-25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Part #
Part #
Part #
Part #
Type
Type
Type
Type
Gain (dBi)
Gain (dBi)
Gain (dBi)
Gain (dBi)
BW
BW
BW
BW
(deg)
(deg)
(deg)
(deg)
Front to
Front to
Front to
Front to
Back
Back
Back
Back
Polarity
Polarity
Polarity
Polarity
Weight
Weight
Weight
Weight
(lbs)
(lbs)
(lbs)
(lbs)
Dimensions
Dimensions
Dimensions
Dimensions
(in.)
(in.)
(in.)
(in.)
ES58
ES58
ES58
ES58----17
17
17
17
Echo Series
17
25
>30dB
Hor/Ver
1.3
10 x 2.5
P A 5 8
P A 5 8
P A 5 8
P A 5 8 ---- 1 9
1 9
1 9
1 9
Flat Panel
19
16
>30dB
Hor/Ver
1.5
7.5 x 7.5 x.8
P A 5 8
P A 5 8
P A 5 8
P A 5 8 ---- 2 4
2 4
2 4
2 4
Flat Panel
24
8
>40dB
Hor/Ver
3.75
16 x 11 x 8.8
GD22
GD22
GD22
GD22----MT
MT
MT
MT
5.8GHz MotorolaTM
Gain Booster
19
12 / 8
>18dB
Hor/Ver
4
14 x 12
GD26
GD26
GD26
GD26----MT
MT
MT
MT
5.8GHz MotorolaTM
Gain Booster
24
8 / 6
>22dB
Hor/Ver
6
24 x 17
GD29
GD29
GD29
GD29----MT
MT
MT
MT
5.8GHz MotorolaTM
Gain Booster
27
5 / 4
>22dB
Hor/Ver
11
34 x 28
GD22
GD22
GD22
GD22----TR
TR
TR
TR
2.4/5.8GHZ TrangoTM
Gain Booster
14, 19
12 / 8
>30dB
Hor/Ver
4
14 x 12
GD26
GD26
GD26
GD26----TR
TR
TR
TR
2.4/5.8GHZ TrangoTM
Gain Booster
18, 24
8 / 6
>22dB
Hor/Ver
6
24 x 17
GD29
GD29
GD29
GD29----TR
TR
TR
TR
2.4/5.8GHZ TrangoTM
Gain Booster
22, 27
5 / 4
>22dB
Hor/Ver
11
34 x 28
GD5x
GD5x
GD5x
GD5x----22
22
22
22
Grid
22
11
>25dB
Hor/Ver
4
14 x 12
GD5x
GD5x
GD5x
GD5x----26
26
26
26
Grid
26
6
>30dB
Hor/Ver
6
24 x 17
GD5x
GD5x
GD5x
GD5x----29
29
29
29
Grid
29
4
>25dB
Hor/Ver
11
34 x 28
HDGD5x
HDGD5x
HDGD5x
HDGD5x
Grid
29
4
>25dB
Hor/Ver
11
34 x 28
5150—5825MHz
4900—5850MHz
Part #
Part #
Part #
Part #
Type
Type
Type
Type
Gain
Gain
Gain
Gain
(dBi)
(dBi)
(dBi)
(dBi)
BW
BW
BW
BW
(h/v)
(h/v)
(h/v)
(h/v)
Front to
Front to
Front to
Front to
Back
Back
Back
Back
Polarity
Polarity
Polarity
Polarity
Weight
Weight
Weight
Weight
Dimensions (in.)
Dimensions (in.)
Dimensions (in.)
Dimensions (in.)
R2T2458
R2T2458
R2T2458
R2T2458
Dual Band RooTenna®
15
22
>25dB
Hor/Ver
1.8
9 x 9 x 2
R2T58
R2T58
R2T58
R2T58----19
19
19
19
RooTenna®
19
16
>30dB
Hor/Ver
1.8
9 x9 x 2
R2T58
R2T58
R2T58
R2T58----24
24
24
24
RooTenna®
24
9
>30dB
Hor/Ver
6
16.25x14.75x1
GD5W
GD5W
GD5W
GD5W----21P
21P
21P
21P
Grid
21
11/10
>18dB
Hor/Ver
3
11.8 x 15.7
GD5W
GD5W
GD5W
GD5W----25P
25P
25P
25P
Grid
25
6 / 6
>20dB
Hor/Ver
6
16.8 x 24
GD5W
GD5W
GD5W
GD5W----28P
28P
28P
28P
Grid
28
5 / 4
>25dB
Hor/Ver
11
28.5 x 36
DCE
DCE
DCE
DCE----ANT5819
ANT5819
ANT5819
ANT5819
Enclosure Antenna
19
22
>20dB
Ver.
2.5
10 x 7.1 x 2.25
5150—5850MHz
Client Side Antennas
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com