Electronic Components Datasheet Search
  English  ▼

X  

B57045K Datasheet(PDF) 2 Page - EPCOS

Part # B57045K
Description  NTC thermistors for temperature measurement
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57045K Datasheet(HTML) 2 Page - EPCOS

  B57045K Datasheet HTML 1Page - EPCOS B57045K Datasheet HTML 2Page - EPCOS B57045K Datasheet HTML 3Page - EPCOS B57045K Datasheet HTML 4Page - EPCOS B57045K Datasheet HTML 5Page - EPCOS B57045K Datasheet HTML 6Page - EPCOS B57045K Datasheet HTML 7Page - EPCOS B57045K Datasheet HTML 8Page - EPCOS B57045K Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Applications
Temperature compensation, measurement
and control (chassis mounting)
Features
Cost-effective
Good thermal coupling through screw-type
case (thread M3)
Electrically isolated aluminum case
Tinned copper leads
Options
Tighter resistance tolerance available on
request.
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
Approx. weight 1 g
General technical data
Climatic category
(IEC 60068-1)
55/125/56
Max. power
(at 25
°C)
P25
450
mW
Resistance tolerance
∆R
R/RR
±10
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
approx. 9
mW/K
Dissipation factor
(on chassis)
δ
th
approx. 20
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 75
s
Thermal cooling time constant
(on chassis)
τ
c
approx. 15
s
Torque
approx. 0.5
Nm
Insulation resistance
(V = 100 V DC)
Rins
> 100
M
Ω
Test voltage
(t = 1 s)
Vtest
2500
V AC
Temperature measurement
B57045K
Probe assemblies
K45
Page 2 of 11
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com