Electronic Components Datasheet Search
  English  ▼

X  

B57045K Datasheet(PDF) 6 Page - EPCOS

Part # B57045K
Description  NTC thermistors for temperature measurement
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57045K Datasheet(HTML) 6 Page - EPCOS

Back Button B57045K Datasheet HTML 2Page - EPCOS B57045K Datasheet HTML 3Page - EPCOS B57045K Datasheet HTML 4Page - EPCOS B57045K Datasheet HTML 5Page - EPCOS B57045K Datasheet HTML 6Page - EPCOS B57045K Datasheet HTML 7Page - EPCOS B57045K Datasheet HTML 8Page - EPCOS B57045K Datasheet HTML 9Page - EPCOS B57045K Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
R/T characteristics
R/T No.
4001
4003
T (
°C)
B25/100 = 3950 K
B25/100 = 4450 K
RT/R25
α (%/K) R
T/R25
α (%/K)
55.0
88.052
7.3
103.81
6.8
50.0
61.65
7.0
73.707
6.7
45.0
43.727
6.8
52.723
6.6
40.0
31.395
6.5
37.988
6.5
35.0
22.802
6.3
27.565
6.4
30.0
16.742
6.2
20.142
6.2
25.0
12.367
6.0
14.801
6.1
20.0
9.2353
5.6
10.976
5.9
15.0
7.0079
5.4
8.1744
5.8
10.0
5.3654
5.4
6.1407
5.7
5.0
4.126
5.2
4.6331
5.5
0.0
3.2
5.0
3.5243
5.4
5.0
2.4986
4.9
2.6995
5.3
10.0
1.9662
4.7
2.0831
5.1
15.0
1.5596
4.6
1.6189
5.0
20.0
1.2457
4.5
1.2666
4.9
25.0
1.0000
4.4
1.0000
4.7
30.0
0.80355
4.2
0.78351
4.6
35.0
0.65346
4.1
0.62372
4.5
40.0
0.53456
4.0
0.49937
4.4
45.0
0.43966
3.9
0.40218
4.3
50.0
0.36357
3.8
0.32557
4.2
55.0
0.30183
3.7
0.26402
4.1
60.0
0.25189
3.6
0.21527
4.0
65.0
0.21136
3.5
0.17693
3.9
70.0
0.17819
3.4
0.14616
3.8
75.0
0.15089
3.3
0.12097
3.7
80.0
0.12833
3.2
0.10053
3.7
85.0
0.10948
3.1
0.083761
3.6
90.0
0.093748
3.0
0.070039
3.5
95.0
0.080764
2.9
0.058937
3.4
100.0
0.069842
2.9
0.049777
3.4
105.0
0.060455
2.9
0.042146
3.3
110.0
0.052498
2.8
0.035803
3.2
115.0
0.04574
2.7
0.030504
3.2
120.0
0.039972
2.7
0.026067
3.1
125.0
0.034984
2.6
0.022332
3.0
130.0
0.019186
3.0
135.0
0.016515
2.9
140.0
0.014253
2.9
145.0
0.012367
2.8
150.0
0.010758
2.8
155.0
0.0093933
2.7
Temperature measurement
B57045K
Probe assemblies
K45
Page 6 of 11
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com