Electronic Components Datasheet Search
  English  ▼

X  

B57045K Datasheet(PDF) 3 Page - EPCOS

Part # B57045K
Description  NTC thermistors for temperature measurement
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57045K Datasheet(HTML) 3 Page - EPCOS

  B57045K Datasheet HTML 1Page - EPCOS B57045K Datasheet HTML 2Page - EPCOS B57045K Datasheet HTML 3Page - EPCOS B57045K Datasheet HTML 4Page - EPCOS B57045K Datasheet HTML 5Page - EPCOS B57045K Datasheet HTML 6Page - EPCOS B57045K Datasheet HTML 7Page - EPCOS B57045K Datasheet HTML 8Page - EPCOS B57045K Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Electrical specification and ordering codes
R25
Ω
No. of R/T
characteristic
B25/100
K
Ordering code
1 k
1011
3730
±3%
B57045K0102K000
2.2 k
1013
3900
±3%
B57045K0222K000
4.7 k
4001
3950
±3%
B57045K0472K000
6.8 k
2903
4200
±3%
B57045K0682K000
10 k
2904
4300
±3%
B57045K0103K000
33 k
1012
4300
±3%
B57045K0333K000
47 k
4003
4450
±3%
B57045K0473K000
68 k
2005
4600
±3%
B57045K0683K000
100 k
2005
4600
±3%
B57045K0104K000
150 k
2005
4600
±3%
B57045K0154K000
Reliability data
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
Storage at upper
category temperature
T: 125
°C
t: 1000 h
< 3%
No visible
damage
Storage in damp
heat, steady state
IEC
60068-2-78
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 56 days
< 3%
No visible
damage
Endurance
Pmax: 450 mW
t: 1000 h
< 3%
No visible
damage
Long-term stability
(empirical value)
Temperature: 100
°C
t: 10000 h
< 5%
No visible
damage
Note
Contact of NTC thermistors with any liquids and solvents shall be prevented. It must be
ensured that no water enters the NTC thermistors (e.g. through plug terminals).
Avoid dewing and condensation unless thermistor is specified for these conditions.
Temperature measurement
B57045K
Probe assemblies
K45
Page 3 of 11
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com