Electronic Components Datasheet Search
  English  ▼

X  

PS9713 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS9713
Description  1 Mbps, OPEN-COLLECTOR OUTPUT FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9713 Datasheet(HTML) 3 Page - California Eastern Labs

  PS9713 Datasheet HTML 1Page - California Eastern Labs PS9713 Datasheet HTML 2Page - California Eastern Labs PS9713 Datasheet HTML 3Page - California Eastern Labs PS9713 Datasheet HTML 4Page - California Eastern Labs PS9713 Datasheet HTML 5Page - California Eastern Labs PS9713 Datasheet HTML 6Page - California Eastern Labs PS9713 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
OUTLINE DIMENSIONS (Units in mm)
PS9713
4.0
±0.5
1.27
0.4
+0.10
-0.05
0.25 M
7.0
± 0.3
0.5
± 0.3
4.4
FUNCTIONAL DIAGRAM
PS9713
1
5
6
4
3
Shield
LED
OUTPUT
ON
L
OFF
H
PS9713
TYPICAL PERFORMANCE CURVES (TA = 25°C, unless otherwise specified)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage, VF (V)
Ambient Temperature, TA (
…
C)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
100
10
1
0.1
0.01
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TA = +85
ºC
+50
ºC
+25
ºC
0
ºC
-25
ºC
–50
–25
25
50
75
100
200
400
600
800
1000
1200
0
0
VCC = 30 V,
VO = Open,
ICCH : F = 0.8 V,
ICCL : IF = 10 mA
ICCL
ICCH
DETECTOR POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
…
C)
MAXIMUM FORWARD CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
…
C)
40
30
20
10
020
40
6080
100
020
40
60
80
50
100
150
100
6
1
54
3
1. Anode
3. Cathode
4. GND
5. VO
6. VCC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com