Electronic Components Datasheet Search
  English  ▼

X  

PS9713 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS9713
Description  1 Mbps, OPEN-COLLECTOR OUTPUT FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9713 Datasheet(HTML) 4 Page - California Eastern Labs

  PS9713 Datasheet HTML 1Page - California Eastern Labs PS9713 Datasheet HTML 2Page - California Eastern Labs PS9713 Datasheet HTML 3Page - California Eastern Labs PS9713 Datasheet HTML 4Page - California Eastern Labs PS9713 Datasheet HTML 5Page - California Eastern Labs PS9713 Datasheet HTML 6Page - California Eastern Labs PS9713 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PS9713
TYPICAL PERFORMANCE CURVES (TA = 25°C, unless otherwise specified)
Ambient Temperature, TA (
…
C)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
…
C)
LOW LEVEL OUTPPUT VOLTAGE vs.
AMBIENT TEMPERATURE
–50
–25
25
50
75
100
1
2
3
4
5
0
0
VCC = 15 V,
VO = 0.8 V,
IO = 0.75 mA
–50
–25
25
50
75
100
0.1
0.2
0.3
0.4
0.5
0.6
0
0
VCC = 15 V,
IF = 10 mA,
IO = 2.4 mA
Forward Current, IF (mA)
Supply Voltage, VCC (V)
OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
…
C)
OUTPUT CURRENT vs.
FORWARD CURRENT
Forward Current, IF (mA)
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. FORWARD CURRENT
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. SUPPLY VOLTAGE
0
0510
15
20
VO = 0.6 V
TA = +25
ºC
+100
ºC
–40
ºC
2
4
6
8
10
12
14
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0
–40
–20
20
40
60
80
100
IF = 10 mA
VO = 0.6 V
100
200
300
400
500
600
700
0
0510
15
20
VCC = 15 V,
CL = 100 pF,
RL = 20 kΩ
tPLH
tPLH – tPHL
tPHL
IF = 10 mA,
CL = 100 pF,
RL = 20 kΩ
tPLH
tPLH – tPHL
–200
200
400
600
800
1000
1400
1200
1600
1800
0
0
10
20
30
40
tPHL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com