Electronic Components Datasheet Search
  English  ▼

X  

PS9713 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS9713
Description  1 Mbps, OPEN-COLLECTOR OUTPUT FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9713 Datasheet(HTML) 5 Page - California Eastern Labs

  PS9713 Datasheet HTML 1Page - California Eastern Labs PS9713 Datasheet HTML 2Page - California Eastern Labs PS9713 Datasheet HTML 3Page - California Eastern Labs PS9713 Datasheet HTML 4Page - California Eastern Labs PS9713 Datasheet HTML 5Page - California Eastern Labs PS9713 Datasheet HTML 6Page - California Eastern Labs PS9713 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PS9713
TYPICAL PERFORMANCE CURVES (TA = 25°C)
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. LOAD RESISTANCE
Load Resistance, RL (kΩ)
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. LOAD RESISTANCE
Load Resistance, RL (kΩ)
IF = 10 mA,
VCC = 15 V,
CL = 100 pF
0
10
20
30
40
50
0
1000
800
600
400
200
–200
tPLH
tPHL
tPHL – tPLH
IF = 10 mA,
VCC = 5 V,
CL = 15 pF
05
15
25
50
0
10
20
500
450
400
350
300
250
150
100
200
tPLH
tPHL
tPHL – tPLH
Ambient Temperature, TA (
…
C)
Load Capacitance, CL (pF)
PROPAGATION DELAY TIME vs.
LOAD CAPACITANCE
0
0
–20
–40
80
100
100
200
300
400
500
600
700
40
60
20
IF = 10 mA,
VCC = 15 V,
CL = 100 pF,
RL = 20 kΩ
tPLH
tPHL
PWD
0
0
100
200
200
600
300
400
400
1000
1200
1400
1600
800
500
IF = 10 mA,
VCC = 15 V,
RL = 20 kΩ
tPLH
tPHL
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com