Electronic Components Datasheet Search
  English  ▼

X  

LM348-N Datasheet(PDF) 11 Page - Texas Instruments

Part # LM348-N
Description  LM148/LM248/LM348 Quad 741 Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM348-N Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM348-N Datasheet HTML 7Page - Texas Instruments LM348-N Datasheet HTML 8Page - Texas Instruments LM348-N Datasheet HTML 9Page - Texas Instruments LM348-N Datasheet HTML 10Page - Texas Instruments LM348-N Datasheet HTML 11Page - Texas Instruments LM348-N Datasheet HTML 12Page - Texas Instruments LM348-N Datasheet HTML 13Page - Texas Instruments LM348-N Datasheet HTML 14Page - Texas Instruments LM348-N Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LM148-N, LM248-N, LM348-N
www.ti.com
SNOSBT2E – MAY 1999 – REVISED MARCH 2013
Figure 24. A 3 Amplifier Bi-Quad Notch Filter
Ex: fNOTCH = 3 kHz, Q = 5, R1 = 270k, R2 = R3 = 20k, R4 = 27k, R5 = 20k, R6 = R8 = 10k, R7 = 100k, C1 = C2 =
0.001
μF
Better noise performance than the state-space approach.
Figure 25. A 4th Order 1 kHz Elliptic Filter (4 Poles, 4 Zeros)
R1C1 = R2C2 = t
R
′1C′1 = R′2C′2 = t′
fC = 1 kHz, fS = 2 kHz, fp = 0.543, fZ = 2.14, Q = 0.841, f′ P = 0.987, f′ Z = 4.92, Q′ = 4.403, normalized to ripple BW
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM148-N LM248-N LM348-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com