Electronic Components Datasheet Search
  English  ▼

X  

LM348-N Datasheet(PDF) 2 Page - Texas Instruments

Part # LM348-N
Description  LM148/LM248/LM348 Quad 741 Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM348-N Datasheet(HTML) 2 Page - Texas Instruments

  LM348-N Datasheet HTML 1Page - Texas Instruments LM348-N Datasheet HTML 2Page - Texas Instruments LM348-N Datasheet HTML 3Page - Texas Instruments LM348-N Datasheet HTML 4Page - Texas Instruments LM348-N Datasheet HTML 5Page - Texas Instruments LM348-N Datasheet HTML 6Page - Texas Instruments LM348-N Datasheet HTML 7Page - Texas Instruments LM348-N Datasheet HTML 8Page - Texas Instruments LM348-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM148-N, LM248-N, LM348-N
SNOSBT2E – MAY 1999 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
LM148
LM248
LM348
Supply Voltage
±22V
±18V
±18V
Differential Input Voltage
±44V
±36V
±36V
Output Short Circuit Duration(3)
Continuous
Continuous
Continuous
Power Dissipation (Pd at 25°C) and Thermal Resistance (θjA)
(4)
PDIP (NFF) Pd
—
—
750 mW
θJA
—
—
100°C/W
CDIP (J) Pd
1100 mW
800 mW
700 mW
θJA
110°C/W
110°C/W
110°C/W
Maximum Junction Temperature (TjMAX)
150°C
110°C
100°C
−55°C ≤ TA ≤
−25°C ≤ TA ≤
0°C
≤ TA ≤ +70°C
Operating Temperature Range
+125°C
+85°C
Storage Temperature Range
−65°C to +150°C
−65°C to +150°C
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.) Ceramic
300°C
300°C
300°C
Lead Temperature (Soldering, 10 sec.) Plastic
260°C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260°C
260°C
260°C
Vapor Phase (60 seconds)
215°C
215°C
215°C
Small Outline Package
Infrared (15 seconds)
220°C
220°C
220°C
ESD tolerance(5)
500V
500V
500V
(1)
Refer to RETS 148X for LM148 military specifications.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Any of the amplifier outputs can be shorted to ground indefinitely; however, more than one should not be simultaneously shorted as the
maximum junction temperature will be exceeded.
(4)
The maximum power dissipation for these devices must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the
ambient temperature, TA. The maximum available power dissipation at any temperature is Pd = (TJMAX − TA)/θJA or the 25°C PDMAX,
whichever is less.
(5)
Human body model, 1.5 k
Ω in series with 100 pF.
Electrical Characteristics
These specifications apply for VS = ±15V and over the absolute maximum operating temperature range (TL ≤ TA ≤ TH) unless
otherwise noted.
LM148
LM248
LM348
Units
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA = 25°C, RS ≤ 10 kΩ
1.0
5.0
1.0
6.0
1.0
6.0
mV
Input Offset Current
TA = 25°C
4
25
4
50
4
50
nA
Input Bias Current
TA = 25°C
30
100
30
200
30
200
nA
Input Resistance
TA = 25°C
0.8
2.5
0.8
2.5
0.8
2.5
M
Ω
Supply Current All
TA = 25°C, VS = ±15V
2.4
3.6
2.4
4.5
2.4
4.5
mA
Amplifiers
TA = 25°C, VS = ±15V
Large Signal Voltage Gain
50
160
25
160
25
160
V/mV
VOUT = ±10V, RL ≥ 2 kΩ
TA = 25°C, f = 1 Hz to 20 kHz
Amplifier to Amplifier
(Input Referred)
−120
−120
−120
dB
Coupling
See Crosstalk Test Circuit
TA = 25°C,
Small Signal Bandwidth
1.0
1.0
1.0
MHz
LM148 Series
TA = 25°C,
Phase Margin
60
60
60
degrees
LM148 Series (AV = 1)
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM148-N LM248-N LM348-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com