Electronic Components Datasheet Search
  English  ▼

X  

LM348-N Datasheet(PDF) 3 Page - Texas Instruments

Part # LM348-N
Description  LM148/LM248/LM348 Quad 741 Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM348-N Datasheet(HTML) 3 Page - Texas Instruments

  LM348-N Datasheet HTML 1Page - Texas Instruments LM348-N Datasheet HTML 2Page - Texas Instruments LM348-N Datasheet HTML 3Page - Texas Instruments LM348-N Datasheet HTML 4Page - Texas Instruments LM348-N Datasheet HTML 5Page - Texas Instruments LM348-N Datasheet HTML 6Page - Texas Instruments LM348-N Datasheet HTML 7Page - Texas Instruments LM348-N Datasheet HTML 8Page - Texas Instruments LM348-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM148-N, LM248-N, LM348-N
www.ti.com
SNOSBT2E – MAY 1999 – REVISED MARCH 2013
Electrical Characteristics (continued)
These specifications apply for VS = ±15V and over the absolute maximum operating temperature range (TL ≤ TA ≤ TH) unless
otherwise noted.
LM148
LM248
LM348
Units
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
TA = 25°C,
Slew Rate
0.5
0.5
0.5
V/
μs
LM148 Series (AV = 1)
Output Short Circuit
TA = 25°C
25
25
25
mA
Current
Input Offset Voltage
RS ≤ 10 kΩ
6.0
7.5
7.5
mV
Input Offset Current
75
125
100
nA
Input Bias Current
325
500
400
nA
Large Signal Voltage Gain VS = ±15V, VOUT = ±10V,
25
15
15
V/mV
RL > 2 kΩ
Output Voltage Swing
VS = ±15V, RL = 10 kΩ
±12
±13
±12
±13
±12
±13
V
RL = 2 kΩ
±10
±12
±10
±12
±10
±12
V
Input Voltage Range
VS = ±15V
±12
±12
±12
V
Common-Mode Rejection
RS ≤ 10 kΩ
70
90
70
90
70
90
dB
Ratio
Supply Voltage Rejection
RS ≤ 10 kΩ, ±5V ≤ VS ≤ ±15V
77
96
77
96
77
96
dB
CROSS TALK TEST CIRCUIT
VS = ±15V
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM148-N LM248-N LM348-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com