Electronic Components Datasheet Search
  English  ▼

X  

MIC5282 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5282
Description  Ultra-Low IQ, High-PSRR Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5282 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5282 Datasheet HTML 1Page - Micrel Semiconductor MIC5282 Datasheet HTML 2Page - Micrel Semiconductor MIC5282 Datasheet HTML 3Page - Micrel Semiconductor MIC5282 Datasheet HTML 4Page - Micrel Semiconductor MIC5282 Datasheet HTML 5Page - Micrel Semiconductor MIC5282 Datasheet HTML 6Page - Micrel Semiconductor MIC5282 Datasheet HTML 7Page - Micrel Semiconductor MIC5282 Datasheet HTML 8Page - Micrel Semiconductor MIC5282 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Micrel, Inc.
MIC5282
February 12, 2014
5
Revision 1.1
Electrical Characteristics
(5) (Continued)
VIN = 12V, CIN = 1.0µF, CPSRR = 0.1µF, COUT = 10µF, VOUT = 5.0V or 3.3V, IOUT = 100µA, TA = 25°C, bold values indicate
–40
°C ≤ T
J ≤ +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Dropout Voltage
Dropout Voltage
IOUT = 50mA
2
3
V
Thermal Protection
Thermal-Shutdown Temperature
TJ rising
157
°C
Thermal-Shutdown Hysteresis
15
°C
Notes:
1.
Exceeding an absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
The maximum allowable power dissipation at any TA (ambient temperature) is PD(max) = (TJ(max) – TA) /
θ
JA. Exceeding the maximum allowable power
dissipation results in excessive die temperature, and causes the regulator to enter thermal shutdown.
4.
Devices are ESD sensitive; use proper handling precautions.
5.
Specifications are for packaged products only.
6.
Assure that VIN ≥ (VOUT + 3V) and VIN ≥ 6V.
7.
Quiescent current is specified for the adjustable option. The fixed options will add approximately 1µA due to the internal feedback resistors.
8.
Line regulation is a percentage of VOUT.
9.
See Typical Characteristics Curve on Pg. 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com