Electronic Components Datasheet Search
  English  ▼

X  

MIC5282 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5282
Description  Ultra-Low IQ, High-PSRR Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5282 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5282 Datasheet HTML 1Page - Micrel Semiconductor MIC5282 Datasheet HTML 2Page - Micrel Semiconductor MIC5282 Datasheet HTML 3Page - Micrel Semiconductor MIC5282 Datasheet HTML 4Page - Micrel Semiconductor MIC5282 Datasheet HTML 5Page - Micrel Semiconductor MIC5282 Datasheet HTML 6Page - Micrel Semiconductor MIC5282 Datasheet HTML 7Page - Micrel Semiconductor MIC5282 Datasheet HTML 8Page - Micrel Semiconductor MIC5282 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MIC5282
120VIN, 50mA, Ultra-Low IQ, High-PSRR
Linear Regulator
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 12, 2014
Revision 1.1
General Description
The MIC5282 high-performance linear regulator offers a
very-wide input operating voltage range, up to 120V DC,
and supplies an output current of up to 50mA.
Ideal for high input voltage applications such as industrial
and telecom, the MIC5282 offers ±3% initial accuracy,
extremely high-power supply rejection ratio (80dB at
10kHz) and ultra-low quiescent current of 6µA. The
MIC5282 is optimized for high-voltage line transients,
making it ideal for harsh environment applications.
The MIC5282 is offered in both fixed output voltage
(3.3V/5.0V) and adjustable output voltage (1.27V to 5.5V)
options.
The
MIC5282
operates
over
a
−40°C to +125°C
temperature range and is available in lead-free, RoHS-
compliant, 8-pin ePad MSOP and 8-pin MSOP packages.
Data sheet and support documentation are found on the
Micrel website: www.micrel.com.
Features
• Wide input voltage range: 6V to 120V DC
• Ultra-low quiescent current: 6µA
• 50mA guaranteed output current
• Adjustable output from 1.27V to 5.5V
• Withstands up to +120V DC at the input
• Stable with ceramic capacitors
• Ultra-high PSRR (80dB at 10kHz)
• Ultra-high line rejection (load dump)
• High output accuracy:
– ±3% initial accuracy
• Thermal-shutdown and current-limit protection
• Thermally-efficient, 8-pin MSOP and 8-pin ePad MSOP
packages
Applications
• Industrial
• Remote keyless entry power supply
• Telecom
• Off-line power supplies
___________________________________________________________________________________________________________
Typical Applications
Quiescent Supply Current
vs. Input Voltage
0
2
4
6
8
10
12
0
20
40
60
80
100
120
INPUT VOLTAGE (V)
VOUT = 5V
IOUT = 0


Similar Part No. - MIC5282

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5280 MICREL-MIC5280 Datasheet
259Kb / 14P
25mA, 120V, Low IQ, High PSRR LDO
MIC5280YME MICREL-MIC5280YME Datasheet
259Kb / 14P
25mA, 120V, Low IQ, High PSRR LDO
MIC5281 MICREL-MIC5281 Datasheet
781Kb / 21P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281-3.3YMM MICREL-MIC5281-3.3YMM Datasheet
781Kb / 21P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281-3.3YMME MICREL-MIC5281-3.3YMME Datasheet
781Kb / 21P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results

Similar Description - MIC5282

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281 MICREL-MIC5281_11 Datasheet
781Kb / 21P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
logo
ON Semiconductor
NCP729 ONSEMI-NCP729 Datasheet
680Kb / 13P
200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator
August, 2012 - Rev. 1
logo
Micrel Semiconductor
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282 Datasheet
690Kb / 18P
120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5283 MICREL-MAQ5283 Datasheet
828Kb / 14P
120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A Datasheet
109Kb / 10P
Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
Micrel Semiconductor
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com