Electronic Components Datasheet Search
  English  ▼

X  

MIC5282 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5282
Description  Ultra-Low IQ, High-PSRR Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5282 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5282 Datasheet HTML 1Page - Micrel Semiconductor MIC5282 Datasheet HTML 2Page - Micrel Semiconductor MIC5282 Datasheet HTML 3Page - Micrel Semiconductor MIC5282 Datasheet HTML 4Page - Micrel Semiconductor MIC5282 Datasheet HTML 5Page - Micrel Semiconductor MIC5282 Datasheet HTML 6Page - Micrel Semiconductor MIC5282 Datasheet HTML 7Page - Micrel Semiconductor MIC5282 Datasheet HTML 8Page - Micrel Semiconductor MIC5282 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Micrel, Inc.
MIC5282
February 12, 2014
4
Revision 1.1
Absolute Maximum Ratings
(1)
VIN to GND................................................... –0.3V to +125V
VCPSRR to GND..................................................–0.3 to +14V
VFB, VSNS, VOUT to GND ................................... –0.3V to +6V
Lead Temperature (soldering, 10s).......................... +260°C
Junction Temperature ......................... –40°C ≤ TJ ≤ +125°C
Storage Temperature .........................–65°C ≤ TA ≤ +150°C
ESD Ratings
(4)
HBM ......................................................................... 2kV
MM .........................................................................200V
Operating Ratings
(2)
VIN ................................................................. +6V to +120V
VOUT Adjust Range ..................................... +1.27V to +5.5V
Junction Temperature ......................... –40°C ≤ TJ ≤ +125°C
Power Dissipation (PD) ........................... Internally Limited
(3)
Junction Thermal Resistance (
θ
JA)
8-pin ePad MSOP..............................................64°C/W
8-pin MSOP .....................................................160°C/W
Electrical Characteristics
(5)
VIN = 12V, CIN = 1.0µF, CPSRR = 0.1µF, COUT = 10µF, VOUT = 5.0V or 3.3V, IOUT = 100µA, TA = 25°C, bold values indicate
–40
°C ≤ T
J ≤ +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
Input Voltage Range
(6)
6
120
V
Quiescent Supply Current
(7)
IOUT = 0
6
11
µA
Output Voltage
Output Voltage
Adjustable
1.27
5.5
V
Fixed 3.3V
3.2
3.3
3.4
3.13
3.3
3.47
Fixed 5.0V
4.85
5.0
5.15
4.75
5.0
5.25
Output Voltage Accuracy
Variation from nominal VOUT
-3
+3
%
-5
+5
%
Load Regulation
IOUT = 100µA to 50mA
ePad
-1.0
0.5
+1.0
%
non-ePad
-1.2
0.6
+1.2
Line Regulation
(8)
VIN = 10V to 120V
-0.5
0.04
+0.5
%/V
Feedback Input (Adjustable)
FB Voltage
1.232
1.270
1.308
V
1.206
1.270
1.333
FB Current
VFB = 1.27V
3.2
nA
Current Limit
Current Limit
VOUT = 0V
60
125
260
mA
Ripple Rejection
Power Supply Rejection Ratio
(9)
100Hz ≤ f ≤ 1kHz
65
dB
1kHz ≤ f ≤ 5kHz
75
dB
5kHz ≤ f ≤ 40kHz
80
dB
40kHz ≤ f ≤ 1MHz
90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com