Electronic Components Datasheet Search
  English  ▼

X  

MIC28304 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC28304 Datasheet HTML 8Page - Micrel Semiconductor MIC28304 Datasheet HTML 9Page - Micrel Semiconductor MIC28304 Datasheet HTML 10Page - Micrel Semiconductor MIC28304 Datasheet HTML 11Page - Micrel Semiconductor MIC28304 Datasheet HTML 12Page - Micrel Semiconductor MIC28304 Datasheet HTML 13Page - Micrel Semiconductor MIC28304 Datasheet HTML 14Page - Micrel Semiconductor MIC28304 Datasheet HTML 15Page - Micrel Semiconductor MIC28304 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Micrel, Inc.
MIC28304
Typical Characteristics (Continued)
-1.0%
-0.5%
0.0%
0.5%
1.0%
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
Line Regulation
vs. Temperature (MIC28304-2)
VIN = 7V TO 70V
V
OUT = 5.0V
I
OUT = 3A
F
SW = 600kHz
100
150
200
250
300
350
400
450
500
550
600
650
700
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
Switching Frequency
vs. Temperature (MIC28304-2)
VIN = 12V
V
OUT = 5V
I
OUT = 0A
0.792
0.796
0.800
0.804
0.808
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
Feedback Voltage
vs. Output Current (MIC28304-2)
VIN = 12V
V
OUT = 5.0V
F
SW = 600kHz
0.0%
0.1%
0.1%
0.2%
0.2%
0.3%
0.3%
0.4%
0.4%
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
Line Regulation
vs. Output Current (MIC28304-2)
VIN = 12V to 70V
V
OUT = 5.0V
F
SW = 600kHz
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
OUTPUT CURRENT (A)
Efficiency (VIN =12V)
vs. Output Current (MIC28304-2)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
F
SW = 600kHz
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
OUTPUT CURRENT (A)
Efficiency (VIN = 18V)
vs. Output Current (MIC28304-2)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
F
SW = 600kHz
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
OUTPUT CURRENT (A)
Efficiency (VIN = 24V)
vs. Output Current (MIC28304-2)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
F
SW = 600kHz
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
OUTPUT CURRENT (A)
Efficiency (VIN = 38V)
vs. Output Current (MIC28304-2)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
F
SW = 600kHz
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
OUTPUT CURRENT (A)
Efficiency (VIN = 48V)
vs. Output Current (MIC28304-2)
5.0V
3.3V
2.5V
1.8V
1.2V
0.8V
F
SW = 600kHz
March 25, 2014
12
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com