Electronic Components Datasheet Search
  English  ▼

X  

MIC28304 Datasheet(PDF) 26 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 26 Page - Micrel Semiconductor

Back Button MIC28304 Datasheet HTML 22Page - Micrel Semiconductor MIC28304 Datasheet HTML 23Page - Micrel Semiconductor MIC28304 Datasheet HTML 24Page - Micrel Semiconductor MIC28304 Datasheet HTML 25Page - Micrel Semiconductor MIC28304 Datasheet HTML 26Page - Micrel Semiconductor MIC28304 Datasheet HTML 27Page - Micrel Semiconductor MIC28304 Datasheet HTML 28Page - Micrel Semiconductor MIC28304 Datasheet HTML 29Page - Micrel Semiconductor MIC28304 Datasheet HTML 30Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Micrel, Inc.
MIC28304
Application Information
Simplified Input Transient Circuitry
The 76V absolute maximum rating of MIC28304 allows
simplifying the transient voltage suppressor on the input
supply
side
which
is
very
common
in
industrial
applications. The input supply voltage VIN Figure 5 may
be operating at 12V input rail most of the time, but can
encounter noise spike of 60V for a short duration. By
using MIC28304, which has 76V absolute maximum
voltage rating, the input transient suppressor is not
needed. Which saves on component count, form factor,
and ultimately the system becomes less expensive.
Figure 5. Simplified Input Transient Circuitry
Setting the Switching Frequency
The MIC28304 switching frequency can be adjusted by
changing the value of resistor R19. The top resistor of
100k
Ω is internal to module and is connected between
VIN and FREQ pin, so the value of R19 sets the
switching
frequency.
The
switching
frequency
also
depends upon VIN, VOUT and load conditions.
Figure 6. Switching Frequency Adjustment
Equation 5 gives the estimated switching frequency:
Ω
+
×
=
k
100
19
R
19
R
f
f
O
ADJ
_
SW
Eq. 5
Where:
fO = Switching frequency when R19 is open
For more precise setting, it is recommended to use
Figure 7:
Figure 7. Switching Frequency vs. R19
Output Capacitor Selection
The type of the output capacitor is usually determined by
the application and its equivalent series resistance
(ESR). Voltage and RMS current capability are two other
important factors for selecting the output capacitor.
Recommended capacitor types are MLCC, tantalum, low-
ESR aluminum electrolytic, OS-CON and POSCAP. The
output capacitor’s ESR is usually the main cause of the
output ripple. The MIC28304 requires ripple injection and
the output capacitor ESR effects the control loop from a
stability point of view.
0
100
200
300
400
500
600
700
800
10.00
100.00
1000.00
10000.00
R19 (k Ohm)
Switching Frequency
V
OUT = 5V
I
OUT = 2A
VIN =48V
VIN = 12V
March 25, 2014
26
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com