Electronic Components Datasheet Search
  English  ▼

X  

MIC28304 Datasheet(PDF) 28 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 28 Page - Micrel Semiconductor

Back Button MIC28304 Datasheet HTML 24Page - Micrel Semiconductor MIC28304 Datasheet HTML 25Page - Micrel Semiconductor MIC28304 Datasheet HTML 26Page - Micrel Semiconductor MIC28304 Datasheet HTML 27Page - Micrel Semiconductor MIC28304 Datasheet HTML 28Page - Micrel Semiconductor MIC28304 Datasheet HTML 29Page - Micrel Semiconductor MIC28304 Datasheet HTML 30Page - Micrel Semiconductor MIC28304 Datasheet HTML 31Page - Micrel Semiconductor MIC28304 Datasheet HTML 32Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Micrel, Inc.
MIC28304
Equation 13 should be used to calculate the input
capacitor. Also it is recommended to keep some margin
on the calculated value:
dV
F
)
D
1
(
I
C
SW
OUT(max)
IN
×
−
×
≈
Eq. 13
Where:
dV = The input ripple and FSW is the switching frequency
Output Voltage Setting Components
The MIC28304 requires two resistors to set the output
voltage as shown in Figure 8:
Figure 8. Voltage-Divider Configuration
The output voltage is determined by Equation 14:
 +
×
=
11
1
1
V
V
FB
OUT
R
R
Eq. 14
Where:
VFB = 0.8V
A typical value of R1 used on the standard evaluation
board is
10kΩ. If R1 is too large, it may allow noise to be
introduced into the voltage feedback loop. If R1 is too
small in value, it will decrease the efficiency of the power
supply, especially at light loads. Once R1 is selected,
R11 can be calculated using Equation 15:
FB
OUT
FB
V
V
R1
V
R11
−
×
=
Eq. 15
Ripple Injection
The VFB ripple required for proper operation of the
MIC28304 gM amplifier and error comparator is 20mV to
100mV. However, the output voltage ripple is generally
designed as 1% to 2% of the output voltage. For a low
output voltage, such as a 1V, the output voltage ripple is
only 10mV to 20mV, and the feedback voltage ripple is
less than 20mV. If the feedback voltage ripple is so small
that the gM amplifier and error comparator cannot sense
it, then the MIC28304 will lose control and the output
voltage is not regulated. In order to have some amount of
VFB ripple, a ripple injection method is applied for low
output
voltage
ripple
applications.
The
table
2
summarizes the ripple injection component values for
ceramic output capacitor.
The
applications
are
divided
into
three
situations
according to the amount of the feedback voltage ripple:
1.
Enough ripple at the feedback voltage due to the
large ESR of the output capacitors (Figure 9):
Figure 9. Enough Ripple at FB
As shown in Figure 10, the converter is stable without
any ripple injection.
Figure 10. Inadequate Ripple at FB
March 25, 2014
28
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com