Electronic Components Datasheet Search
  English  ▼

X  

PS9801 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS9801
Description  0.6 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SSOP (SO-8) PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9801 Datasheet(HTML) 3 Page - California Eastern Labs

  PS9801 Datasheet HTML 1Page - California Eastern Labs PS9801 Datasheet HTML 2Page - California Eastern Labs PS9801 Datasheet HTML 3Page - California Eastern Labs PS9801 Datasheet HTML 4Page - California Eastern Labs PS9801 Datasheet HTML 5Page - California Eastern Labs PS9801 Datasheet HTML 6Page - California Eastern Labs PS9801 Datasheet HTML 7Page - California Eastern Labs PS9801 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PS9801
FUNCTIONAL DIAGRAM
8
6
5
2
3
LED
Output
ON
H
OFF
Tr. 1
ON
OFF
Tr. 2
OFF
ON
L
Input
H
L
SHIELD
(Tr. 2)
(Tr. 1)
MARKING EXAMPLE
No. 1 pin Mark
Initial of NEC
(Engraved mark)
Week Assembled
N
9801
NT931
9 31
Year Assembled
(Last 1 Digit)
T
N
Rank Code
In-house Code
Type Number
Assembly Lot
Preliminary Data Sheet PN10745EJ01V0DS
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com