Electronic Components Datasheet Search
  English  ▼

X  

PS9801 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS9801
Description  0.6 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SSOP (SO-8) PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9801 Datasheet(HTML) 5 Page - California Eastern Labs

  PS9801 Datasheet HTML 1Page - California Eastern Labs PS9801 Datasheet HTML 2Page - California Eastern Labs PS9801 Datasheet HTML 3Page - California Eastern Labs PS9801 Datasheet HTML 4Page - California Eastern Labs PS9801 Datasheet HTML 5Page - California Eastern Labs PS9801 Datasheet HTML 6Page - California Eastern Labs PS9801 Datasheet HTML 7Page - California Eastern Labs PS9801 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PS9801
ELECTRICAL CHARACTERISTICS (TA =
−40 to +100°C, VCC = 10 to 30 V, IF (ON) = 8 to 12 mA,
VF (OFF) =
−2 to 0.8 V, VEE = GND, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.2
1.56
1.9
V
Reverse Current
IR
VR = 3 V, TA = 25
°C
10
μA
Terminal Capacitance
Ct
f = 1 MHz, VF = 0 V, TA = 25
°C
30
pF
Detector High Level Output Current
IOH
VO = (VCC
− 4 V) *2
0.2
A
VO = (VCC
− 10 V) *3
0.4
0.6
Low Level Output Current
IOL
VO = (VEE + 2.5 V)
*2
0.2
0.5
A
VO = (VEE + 10 V)
*3
0.4
0.6
High Level Output Voltage
VOH
IO =
−100 mA *4
VCC
− 4.0 VCC − 1.8
V
Low Level Output Voltage
VOL
IO = 100 mA
0.4
1.0
V
High Level Supply Current
ICCH
VO = open, IF = 10 mA
0.8
3.0
mA
Low Level Supply Current
ICCL
VO = open, IF = 0 mA
1.4
3.0
mA
Coupled Threshold Input Current
(L
→ H)
IFLH
IO = 0 mA, VO > 5 V
6.0
mA
Threshold Input Voltage
(H
→ L)
VFHL
IO = 0 mA, VO < 5 V
0.8
V
Isolation Capacitance
CI-O
f = 1 MHz, VF = 0 V, TA = 25
°C
30
pF
*1 Typical values at TA = 25
°C.
*2 Maximum pulse width = 50
μs, Maximum duty cycle = 0.5%.
*3 Maximum pulse width = 10
μs, Maximum duty cycle = 0.2%
*4 VOH is measured with the DC load current in this testing.
Preliminary Data Sheet PN10745EJ01V0DS
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com