Electronic Components Datasheet Search
  English  ▼

X  

PS9801 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS9801
Description  0.6 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SSOP (SO-8) PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9801 Datasheet(HTML) 4 Page - California Eastern Labs

  PS9801 Datasheet HTML 1Page - California Eastern Labs PS9801 Datasheet HTML 2Page - California Eastern Labs PS9801 Datasheet HTML 3Page - California Eastern Labs PS9801 Datasheet HTML 4Page - California Eastern Labs PS9801 Datasheet HTML 5Page - California Eastern Labs PS9801 Datasheet HTML 6Page - California Eastern Labs PS9801 Datasheet HTML 7Page - California Eastern Labs PS9801 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PS9801
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
25
mA
Peak Transient Forward
Current (Pulse Width < 1
μs)
IF (TRAN)
1.0
A
Reverse Voltage
VR
5
V
Power Dissipation
*1
PD
45
mW
Detector
High Level Peak Output
Current
*2
IOH (PEAK)
0.6 (MAX.)
A
Low Level Peak Output
Current
*2
IOL (PEAK)
0.6 (MAX.)
A
Supply Voltage
(VCC - VEE)
0 to 35
V
Output Voltage
VO
0 to VCC
V
Power Dissipation
*3
PC
250
mW
Isolation Voltage
*4
BV
3 750
Vr.m.s.
Operating Frequency
*5
f
25
kHz
Operating Ambient Temperature
TA
−40 to +100
°C
Storage Temperature
Tstg
−55 to +125
°C
*1 Reduced to 1.5 mW/
°C at TA = 80°C or more.
*2 Maximum pulse width = 10
μs, Maximum duty cycle = 0.2%
*3 Reduced to 4.1 mW/
°C at TA = 60°C or more.
*4 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-4 shorted together, 5-8 shorted together.
*5 IOH (PEAK)
≤ 0.4 A (≤ 2.0
μs), IOL (PEAK) ≤ 0.4 A (≤ 2.0 μs)
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
(VCC - VEE)
10
30
V
Forward Current (ON)
IF (ON)
8
12
mA
Forward Voltage (OFF)
VF (OFF)
−2
0.8
V
Operating Ambient Temperature
TA
−40
100
°C
Preliminary Data Sheet PN10745EJ01V0DS
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com