Electronic Components Datasheet Search
  English  ▼

X  

PS9213-AX Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS9213-AX
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9213-AX Datasheet(HTML) 4 Page - California Eastern Labs

  PS9213-AX Datasheet HTML 1Page - California Eastern Labs PS9213-AX Datasheet HTML 2Page - California Eastern Labs PS9213-AX Datasheet HTML 3Page - California Eastern Labs PS9213-AX Datasheet HTML 4Page - California Eastern Labs PS9213-AX Datasheet HTML 5Page - California Eastern Labs PS9213-AX Datasheet HTML 6Page - California Eastern Labs PS9213-AX Datasheet HTML 7Page - California Eastern Labs PS9213-AX Datasheet HTML 8Page - California Eastern Labs PS9213-AX Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PS9213
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
*1
IF
25
mA
Reverse Voltage
VR
5
V
Detector
Supply Voltage
VCC
−0.5 to +35
V
Output Voltage
VO
−0.5 to +35
V
Output Current
IO
15
mA
Power Dissipation
*2
PC
100
mW
Isolation Voltage
*3
BV
2 500
Vr.m.s.
Operating Ambient Temperature
TA
−40 to +100
°C
Storage Temperature
Tstg
−55 to +125
°C
*1 Reduced to 0.33 mA/
°C at TA = 70°C or more.
*2 Reduced to 1.9 mW/
°C at TA = 70°C or more.
*3 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-5 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
High Level Input Current
IFH
10
20
mA
Output Voltage
VO
0
30
V
Supply Voltage
VCC
4.5
15
30
V
LED Off Voltage
VF
0
0.8
V
Data Sheet PN10535EJ04V0DS
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com