Electronic Components Datasheet Search
  English  ▼

X  

PS9213-AX Datasheet(PDF) 10 Page - California Eastern Labs

Part # PS9213-AX
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9213-AX Datasheet(HTML) 10 Page - California Eastern Labs

Back Button PS9213-AX Datasheet HTML 6Page - California Eastern Labs PS9213-AX Datasheet HTML 7Page - California Eastern Labs PS9213-AX Datasheet HTML 8Page - California Eastern Labs PS9213-AX Datasheet HTML 9Page - California Eastern Labs PS9213-AX Datasheet HTML 10Page - California Eastern Labs PS9213-AX Datasheet HTML 11Page - California Eastern Labs PS9213-AX Datasheet HTML 12Page - California Eastern Labs PS9213-AX Datasheet HTML 13Page - California Eastern Labs PS9213-AX Datasheet HTML 14Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PS9213
TAPING SPECIFICATIONS (UNIT: mm)
Outline and Dimensions (Tape)
Tape Direction
Outline and Dimensions (Reel)
Packing: 2 500 pcs/reel
2.0±0.5
11.9 to 15.4
Outer edge of
flange
17.5±1.0
13.5±1.0
2.0±0.5
13.0±0.2
R 1.0
21.0±0.8
PS9213-F3
PS9213-F4
1.55±0.5
2.0±0.05
4.0±0.1
6.0±0.1
3.05 MAX.
0.3
8.0±0.1
1.5
+0.1
–0
2.85±0.1
Data Sheet PN10535EJ04V0DS
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com