Electronic Components Datasheet Search
  English  ▼

X  

PS9213-AX Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9213-AX
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9213-AX Datasheet(HTML) 1 Page - California Eastern Labs

  PS9213-AX Datasheet HTML 1Page - California Eastern Labs PS9213-AX Datasheet HTML 2Page - California Eastern Labs PS9213-AX Datasheet HTML 3Page - California Eastern Labs PS9213-AX Datasheet HTML 4Page - California Eastern Labs PS9213-AX Datasheet HTML 5Page - California Eastern Labs PS9213-AX Datasheet HTML 6Page - California Eastern Labs PS9213-AX Datasheet HTML 7Page - California Eastern Labs PS9213-AX Datasheet HTML 8Page - California Eastern Labs PS9213-AX Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PHOTOCOUPLER
PS9213
1 Mbps, OPEN COLLECTOR OUTPUT
HIGH CMR, INTELLIGENT POWER MODULE
5-PIN SOP PHOTOCOUPLER
FOR CREEPAGE DISTANCE OF 5.5 mm
−NEPOC Series−
Document No. PN10535EJ04V0DS (4th edition)
Date Published August 2008 NS
DESCRIPTION
The PS9213 is an optically coupled isolator containing a GaAlAs LED on the input side and a photo diode and a
signal processing circuit on the output side on one chip.
The PS9213 is designed specifically for high common mode transient immunity (CMR) and low pulse width
distortion with operating temperature. It is suitable for IPM drive.
FEATURES
• Long creepage distance (5.5 mm MIN.)
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
PIN CONNECTION
(Top View)
53
12
4
• High common mode transient immunity (CMH, CML =
±15 kV/
μs MIN.)
• High-speed response (tPHL = 500 ns MAX., tPLH = 750 ns MAX.)
• Maximum propagation delays (tPLH
− tPHL = 270 ns TYP.)
• Pulse width distortion ( tPHL
− tPLH = 270 ns TYP.)
• Ordering number of taping product: PS9213-F3, F4: 2 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
• DIN EN60747-5-2 (VDE0884 Part2) approved No.40008347 (Option)
TRUTH TABLE
LED
Output
ON
L
OFF
H
APPLICATIONS
• IPM Driver
• General purpose inverter
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
2004, 2008


Similar Part No. - PS9213-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9213-A CEL-PS9213-A Datasheet
397Kb / 13P
PHOTOCOUPLER
More results

Similar Description - PS9213-AX

ManufacturerPart #DatasheetDescription
logo
NEC
PS9113 NEC-PS9113 Datasheet
240Kb / 14P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9313L CEL-PS9313L Datasheet
228Kb / 17P
1 Mbps, OPEN COLLECTOR OUTPUT TYPE, HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9113 CEL-PS9113 Datasheet
254Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9113 RENESAS-PS9113 Datasheet
276Kb / 18P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
PS9117A RENESAS-PS9117A Datasheet
287Kb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE
PS9513 RENESAS-PS9513_15 Datasheet
181Kb / 21P
1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE
PS9113 RENESAS-PS9113_15 Datasheet
284Kb / 18P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9313L RENESAS-PS9313L Datasheet
181Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9113 RENESAS-PS9113_16 Datasheet
373Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
RV1S9213A RENESAS-RV1S9213A Datasheet
6Mb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER,
Nov 11,2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com